Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSAM-5600 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # RSAM-5600
Description  Remote Service Analyzer Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

RSAM-5600 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  RSAM-5600 Datasheet HTML 1Page - JDS Uniphase Corporation RSAM-5600 Datasheet HTML 2Page - JDS Uniphase Corporation RSAM-5600 Datasheet HTML 3Page - JDS Uniphase Corporation RSAM-5600 Datasheet HTML 4Page - JDS Uniphase Corporation RSAM-5600 Datasheet HTML 5Page - JDS Uniphase Corporation RSAM-5600 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications (preliminary)
Frequency
Range
4 to 1,000 MHz
Accuracy
±10 ppm at 77°F (25°C)
Tuning resolution
Analog 10 KHz
Digital 50 KHz
Channel bandwidth
RSAM-5600A 8 MHz
RSAM-5600B 6 MHz
Level measurement, analog
Signal types
CW, video and audio
(NTSC, PAL, and SECAM)
Range
–40 to +60 dBmV(1)
Resolution
0.1 dB
Resolution bandwidth
330 KHz
Accuracy(2)
±1.5 dB typical @ 25°C
Level measurement, digital
Modulation types
QPSK, QAM (DVB/ACTS)
Range
–40 to +60 dBmV(1)
Resolution
0.1 dB
Resolution bandwidth
330 kHz
Accuracy(2)
±2.0 dB typical @ 25°C
Downstream QAM demodulation
Modulation type
64 and 256 QAM, ITU-T J.83
Annex A, B or C (selectable)
Input range (lock range)
–15 to +50 dBmV total
integrated power(3) from 55 to 1000 MHz
BER(4)
Pre- and Post-FEC 10-4 to 10-9
MER(4)
Range 64 QAM: 21 to 35 dB
Accuracy ±2 dB (typical)
Range 256 QAM: 28 to 35 dB
Accuracy ±2 dB (typical)
EVM(4)
Range 64 QAM: 1.2% to 5.8%
Accuracy ±0.5% (1.2% to 2.0%)
±1.0% (2.1% to 4.0%)
±1.4% (4.1% to 5.8%)
Range 256 QAM: 1.1% to 2.4%
Accuracy ±0.6%
Symbol rate
Annex A, 5.057 to 6.952 Msps for 64 and 256 QAM
Annex B, 5.057 Msps for 64 QAM and 5.361 Msps for 256 QAM
Annex C, 5.274 Msps for 64 QAM and 5.361 Msps for 256 QAM
Standards compliance
Shock and vibration
IEC 60068
Drop
IEC 61010
Handle stress
IEC 61010
Safety – emissions
EN 55022
Safety – immunity
EN 61000
Interfaces
RF
75 ohm, F81 or BNC option
Max. sustained voltage 100 VAC, 140 VDC
RS232
Standard via DB9
Ethernet
RJ45, 10 base T,TCP/IP and UDP supported
AUX
TTL compatible output for controlling accessories
General
Dimensions
19 x 13.5 x 3.5 in ( 48.3 x 34.3 x 8.9 cm)
Weight
7 lb 7 oz (3.4 kg)
Operating temperature range
32 to 120°F; 0 to +50°C
Storage temperature range
0 to 120°F; -20 to +50°C
Power supply input
47-63 Hz, ~110VA, 100-265 VAC
(1) Typical, detectable range
(2) Accuracy for levels between –20 to 60 dBmV
Additional uncertainty ±0.5 dB across –20°C to 50°C
Additional uncertainty ±1.0 dB from 4 MHz to 15 MHz
(3) At 64 QAM
(4) Accuracy and behavior from 100 MHz to 1000 MHz for
levels between –5 to 50 dBmV (typical)
5
RSAM-5600 REMOTE SERVICE ANALYZER MODULE
HFC Network
Drop & Home Wiring
SDA
Fiber
Distribution
Coax Distribution Network
Primary Fiber Ring
Head End
Hub
Hub
Hub
Fiber Node
DSAM
CLI
DTS-200 MPEG Test System
SELECT
ENTER
DTS
Drop/Home
Installation and Service
DSAM-2500/-1500
MS-1200D/-1300D/-1400
CLI-1450/-1750 & HWTK
Cable System
Construction and Maintenance
SDA-5000
SDA-4040D
StealthWare
Headend and Performance Monitoring
Reverse Path - PathTrak
MPEG - DTS Series
Forward Path - RSAM-5600
PathTrak
RSAM-5600
Figure 3: RSAM - Complements the cable solution


Similar Part No. - RSAM-5600

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
RSAM-5800 JDSU-RSAM-5800 Datasheet
161Kb / 2P
   Analog QAM RF and MPEG Video Probe
More results

Similar Description - RSAM-5600

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
MRV Communications, Inc...
EM316EUSM MRV-EM316EUSM Datasheet
585Kb / 6P
   EUSM??- Ethernet Universal Service Module
EM316EUSM-10G MRV-EM316EUSM-10G Datasheet
720Kb / 4P
   10G Ethernet Universal Service Module
logo
Keysight Technologies
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
   PCI Express 3.0 Analyzer Module
U4321A KEYSIGHT-U4321A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
U4328A KEYSIGHT-U4328A Datasheet
2Mb / 19P
   PCI Express짰 3.0 Analyzer Module
M9260A KEYSIGHT-M9260A Datasheet
1Mb / 13P
   M9260A PXIe Audio Analyzer Module
U4324A KEYSIGHT-U4324A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
logo
Carling Technologies
RB1110BU1C CARLINGTECH-RB1110BU1C Datasheet
2Mb / 5P
   Remote Operating Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com