Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3D Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # S3D
Description  SURFACE MOUNT SILICON RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

S3D Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  S3D Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
S3A THRU S3M
SURFACE MOUNT SILICON RECTIFIER
VOLTAGE:50-1000V
CURRENT:3.0A
FEATURES
·Ideal for surface mounted applications
·Low leakage current
·Glass passivated junction
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 0.24 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL S3A
S3B
S3D
S3G
S3J
S3K
S3M
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward rectified Current
at TA=75°C
Io
3.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
100
A
Maximum forward Voltage at 3.0A DC
VF
1.2
V
@ TA=25°C
10.0
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@ TA=125°C
IR
250
µA
Typical Thermal Resistance (Note2)
RθJL
10
°C/W
Typical Junction Capacitance (Note1)
CJ
60
pF
Operation and Storage Temperature Range
TSTG,TJ
-65 to +175
°C
Notes:
1.Measured at 1MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance (Junction to Ambient), .0.4
×0.4in
2 (10×10mm2) copper pads to each terminal
SMC(DO-214AB)
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - S3D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3D PANJIT-S3D Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3D MCC-S3D Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Pan Jit International I...
S3D PANJIT-S3D Datasheet
115Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Semikron International
S3D SEMIKRON-S3D Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
First Silicon Co., Ltd
S3D FS-S3D Datasheet
143Kb / 2P
   General Purpose Rectifier
More results

Similar Description - S3D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLR5-06 CENTRAL-CTLR5-06 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
M1 WINNERJOIN-M1 Datasheet
140Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S2A CHONGQING-S2A Datasheet
41Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
EM512 DACO-EM512 Datasheet
694Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
EM512A DACO-EM512A Datasheet
694Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Rectron Semiconductor
2A1 RECTRON-2A1 Datasheet
541Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
SA1V RECTRON-SA1V Datasheet
136Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
05A1 RECTRON-05A1 Datasheet
55Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Wing Shing Computer Com...
MELFSMA4001 WINGS-MELFSMA4001 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S1A CHONGQING-S1A Datasheet
41Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com