Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-MI2LFCW81C Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # CT2-MI2LFCW81C
Description  2.5 Gb/s CWDM SFP Transceiver (Multirate)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-MI2LFCW81C Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  CT2-MI2LFCW81C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-MI2LFCW81C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-MI2LFCW81C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-MI2LFCW81C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-MI2LFCW81C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-MI2LFCW81C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-MI2LFCW81C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-MI2LFCW81C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2.5 GB/S CWDM SFP TRANSCEIVER
Dimensions Diagram
(Specifications in mm unless otherwise noted; see dimensions table on next page.)
A
A
D
K REF
J MIN
F REF
F REF
M
C
P
N
Section A-A
L MIN X 45°
Y MAX
B
G REF
H MAX
R MAX
Q
S
T
U
W
Y MAX
X REF
V
See Detail Y
Detail Y
Z
Z
AG
AF
AE REF
Section Z-Z
AA REF
AB MAX
Z
A


Similar Part No. - CT2-MI2LFCW81C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-MI2LFTD31C JDSU-CT2-MI2LFTD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LFTD33C JDSU-CT2-MI2LFTD33C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LFTD51C JDSU-CT2-MI2LFTD51C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LFTD53C JDSU-CT2-MI2LFTD53C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
More results

Similar Description - CT2-MI2LFCW81C

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9310VW-CXX0G OPTOWAY-SPS-9310VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G OPTOWAY-SPS-9350VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com