Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-ML1LDCW81C Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # CT2-ML1LDCW81C
Description  2.5 Gb/s CWDM SFP Transceiver (Multirate)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-ML1LDCW81C Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  CT2-ML1LDCW81C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-ML1LDCW81C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-ML1LDCW81C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-ML1LDCW81C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-ML1LDCW81C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-ML1LDCW81C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-ML1LDCW81C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-ML1LDCW81C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
2.5 GB/S CWDM SFP TRANSCEIVER
Timing of Status and Control Input/Output
Parameter
Symbol
Condition
Specification
TX_DISABLE assert time
t_off
Time from rising edge of TX_DISABLE to when the
Maximum 10 µs
output optical power falls below 10% of nominal
TX_DISABLE deassert time
t_on
Time from falling edge of TX_DISABLE to when the
Maximum 1 ms
output optical power rises above 90% of nominal
Time to initialize
t_init
Upon power up or negation of TX_FAULT due to TX_DISABLE
Maximum 300 ms
TX_FAULT assert time
t_fault
Time from a fault condition to TX_FAULT assertion
Maximum 100 µs
TX_DISABLE for reset
t_reset
Time TX_DISABLE must be held HIGH to reset TX_FAULT
Minimum
10 µs
LOS assert time
t_loss_on
Time from loss of signal to assertion of LOS
Maximum 100 µs
LOS deassert time
t_loss_off
Time from non-loss condition to LOS deassertion
Maximum 100 µs
2-wire serial clock rate
f_serial_clock
-
Maximum 100 kHz
Power Supply Voltage
Parameter
Short Haul (40 km, PIN)
Long Haul (80 km, APD)
Supply voltage
Minimum
3.1 V
3.1 V
Typical
3.3 V
3.3 V
Maximum
3.5 V
3.5 V
Power supply current drain1
Typical
275 mA
285 mA
Maximum
320 mA
350 mA
1. Applies to hardware revision 2. Does not include output termination resistor current.


Similar Part No. - CT2-ML1LDCW81C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-ML1LATD31C JDSU-CT2-ML1LATD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-ML1LATD33C JDSU-CT2-ML1LATD33C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-ML1LATD51C JDSU-CT2-ML1LATD51C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-ML1LATD53C JDSU-CT2-ML1LATD53C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-ML1LBTD31C JDSU-CT2-ML1LBTD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
More results

Similar Description - CT2-ML1LDCW81C

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9310VW-CXX0G OPTOWAY-SPS-9310VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G OPTOWAY-SPS-9350VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com