Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-NI1PATD51C Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # CT2-NI1PATD51C
Description  OC-3 SFP Transceiver (1310 nm and 1550 nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-NI1PATD51C Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  CT2-NI1PATD51C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-NI1PATD51C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-NI1PATD51C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-NI1PATD51C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-NI1PATD51C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-NI1PATD51C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-NI1PATD51C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-NI1PATD51C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
OC-3 SFP TRANSCEIVER
Timing of Status and Control Input/Output
Parameter
Symbol
Condition
Specification
TX_DISABLE assert time
t_off
Time from rising edge of TX_DISABLE to when the
Maximum 10 µs
output optical power falls below 10% of nominal
TX_DISABLE deassert time
t_on
Time from falling edge of TX_DISABLE to when the
Maximum 10 µs
output optical power rises above 90% of nominal
Time to initialize
t_init
Upon power up or negation of TX_FAULT due to TX_DISABLE
Maximum 300 ms
TX_FAULT assert time
t_fault
Time from a fault condition to TX_FAULT assertion
Maximum 100 µs
TX_DISABLE for reset
t_reset
Time TX_DISABLE must be held HIGH to reset TX_FAULT
Minimum
10 µs
LOS assert time
t_loss_on
Time from loss of signal to assertion of LOS
Maximum 100 µs
LOS deassert time
t_loss_off
Time from non-loss condition to LOS deassertion
Maximum 100 µs
2-wire serial clock rate
f_serial_clock
-
Maximum 100 kHz
Power Supply Voltage
Parameter
IR-1
LR-1
LR-2
Supply voltage
Minimum
3.1 V
3.1 V
3.1 V
Typical
3.3 V
3.3 V
3.3 V
Maximum
3.5 V
3.5 V
3.5 V
Power supply current drain1
Typical
222 mA
245 mA
245 mA
Maximum
300 mA
300 mA
300 mA
1. Applies to hardware revision 2. Does not include output termination resistor current.


Similar Part No. - CT2-NI1PATD51C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-30 NAIS-CT2-30 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-34 NAIS-CT2-34 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-40 NAIS-CT2-40 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
logo
List of Unclassifed Man...
CT2-A30/L ETC-CT2-A30/L Datasheet
348Kb / 1P
   Electronic timer relay
More results

Similar Description - CT2-NI1PATD51C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-PI1LATD31C JDSU-CT2-PI1LATD31C Datasheet
205Kb / 8P
   OC-12 SFP Transceiver (Multirate,1310 nm and 1550 nm)
CT2-MS1LATD31C JDSU-CT2-MS1LATD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9640MG OPTOWAY-SPB-9640MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-3720G OPTOWAY-SPB-3720G Datasheet
172Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
SPB-3740G OPTOWAY-SPB-3740G Datasheet
171Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com