Electronic Components Datasheet Search |
|
CT2-ML2LKTD31C Datasheet(PDF) 3 Page - JDS Uniphase Corporation |
|
CT2-ML2LKTD31C Datasheet(HTML) 3 Page - JDS Uniphase Corporation |
3 / 8 page 3 OC-48 SFP TRANSCEIVER Dimension Table for the CT2 Designator Dimension Tolerance Comments A 13.7 mm ±0.1 mm Transceiver width, nose piece or front that extends inside cage B 8.6 mm ±0.1 mm Transceiver height, front, that extends inside cage C 8.5 mm ±0.1 mm Transceiver height, rear D 13.4 mm ±0.1 mm Transceiver width, rear E 1.0 mm Maximum Extension of front sides outside of cage F 2.3 mm Reference Location of cage grounding springs from centerline, top G 4.2 mm Reference Location of side cage grounding springs from top H 2.0 mm Maximum Width of cage grounding springs J 28.5 mm Minimum Location of transition between nose piece and rear of transceiver K 55.0 mm Reference Transceiver overall length L 1.1 mm x 45° Minimum Chamfer on bottom of housing M 2.0 mm ±0.25 mm Height of rear shoulder from transceiver printed circuit board N 2.25 mm ±0.1 mm Location of printed circuit board to bottom of transceiver P 1.0 mm ±0.1 mm Thickness of printed circuit board Q 9.2 mm ±0.1 mm Width of printed circuit board R 0.7 mm Maximum Width of skirt in rear of transceiver S 45.0 mm ±0.2 mm Length from latch shoulder to rear of transceiver T 34.6 mm ±0.3 mm Length from latch shoulder to bottom opening of transceiver U 41.8 mm ±0.15 mm Length from latch shoulder to end of printed circuit board V 2.7 mm ±0.05 mm Length from latch shoulder to shoulder of transceiver outside of cage (location of positive stop) W 2.7 mm ±0.1 mm Clearance for actuator tines X 7.3 mm Reference Transceiver length extending outside of cage Y 2.0 mm Maximum Maximum length of top and bottom transceiver extending outside of cage Z 0.45 mm ±0.05 mm Height of latch boss AA 8.6 mm Reference Transceiver height, front, that extends inside the cage AB 2.6 mm Maximum Length of latch boss AE 6.0 mm Reference Width of cavity that contains the actuator Bail Latch Color Code Definition Bail Latch Color Wavelength Typical Reach Gray 1310 nm SR (2 km) Yellow 1310 nm IR (15 km) Orange 1550 nm IR (40 km) Red 1310 nm LR (40 km) White 1550 nm LR (80 km) |
Similar Part No. - CT2-ML2LKTD31C |
|
Similar Description - CT2-ML2LKTD31C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |