Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL-KP2-00-000-05 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # PL-KP2-00-000-05
Description  Small Form Factor Pluggable Press-Fit Cage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PL-KP2-00-000-05 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  PL-KP2-00-000-05 Datasheet HTML 1Page - JDS Uniphase Corporation PL-KP2-00-000-05 Datasheet HTML 2Page - JDS Uniphase Corporation PL-KP2-00-000-05 Datasheet HTML 3Page - JDS Uniphase Corporation PL-KP2-00-000-05 Datasheet HTML 4Page - JDS Uniphase Corporation PL-KP2-00-000-05 Datasheet HTML 5Page - JDS Uniphase Corporation PL-KP2-00-000-05 Datasheet HTML 6Page - JDS Uniphase Corporation PL-KP2-00-000-05 Datasheet HTML 7Page - JDS Uniphase Corporation PL-KP2-00-000-05 Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SMALL FORM FACTOR PLUGGABLE PRESS-FIT CAGE
Section 3
Recommended OEM PCB
Layouts
Figure 8
Single sided board layout
These cages are designed to be pressed into a PWB with an insertion force of
about 60 lbs total (Each of the 8 press fit pins require an approximate force of
7.5 lbs/pin). For best installation, a solid piece of stainless steel or similar metal
should be placed flat across the top surface of the cage.
Care should be taken not to twist or tilt the cage during the installation process.
Excessive force will result in damage to the unit. A press machine similar to the
MEP-6T/12T manufactured by Automated Services Group, West Palm Beach, FL
would be fine for cage installation.
Cage removal is very easy. Simply insert a flat metal bar or similar object into the
cage assembly and lift it up off the PWB. It takes 27 lbs to remove a cage from a
PWB. Actual insertion and removal force may vary depending on plating mate-
rial and finished hole size.
Section 2
Installation Guide
1
1
2
2
2
3
L
L
B
5. ALL DIMENSIONS ARE IN
CAGES (6 PLACES)
AND TRACE KEEPOUT
TYP
DENOTES COMPONENT
14.25
34.50
3X 7.10
2X 2.50
2X 2.50
2X
10
7.20
3X
3 PLACES
5
NOT REQUIRED WITH PICOLIGHT
9X
A
(MARKED "G")
4.80
11.93
5.68
8.58
(EXCEPT CHASSIS GROUND)
10
0.95±0.05
11.08
0.85±0.05
(MARKED "S")
9.60
10X
1.05
A
A
A
A
A
MILLIMETERS
±0.05
NOTES:
DATUM AND BASIC DIMENSIONS
1.
ESTABLISHED BY CUSTOMER.
2. PADS AND VIAS ARE CHASSIS
GROUND 11 PLACES
3. THRU HOLES, PLATING OPTIONAL
4. HOLES DENOTED WITH 'A' ARE
CROSS-HATCHED AREA
THIS AREA DENOTES
COMPONENT KEEP-OUT
(TRACES ALLOWED)
B
A
B
C
A
C
0.1
A C
0.1
0.1 A
D
41.30
42.30
3.68
26.80
TYP
20
1.70
1.70
11.9
16.25
2
30
2X
8.48


Similar Part No. - PL-KP2-00-000-05

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
More results

Similar Description - PL-KP2-00-000-05

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
logo
Infineon Technologies A...
V23838-S5-N1 INFINEON-V23838-S5-N1 Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
Frontier Electronics.
V23838-S5-N1 FRONTIER-V23838-S5-N1 Datasheet
717Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-26 JDSU-PL-KP2-00-000-26 Datasheet
376Kb / 6P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit PCI Compliant SFP Cage
logo
Tyco Electronics
114-13121 MACOM-114-13121 Datasheet
1Mb / 10P
   Small Form-Factor Pluggable (SFP) Ganged Press-Fit PT Connector and Cage Assembly
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-16 JDSU-PL-KP2-00-000-16 Datasheet
687Kb / 8P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage, 2.19 mm Pin Length
PL-KP1-00-000-02 JDSU-PL-KP1-00-000-02 Datasheet
244Kb / 5P
   Small Form Factor Pluggable Solder-Down Cage
logo
Infineon Technologies A...
V23818-S5-B2 INFINEON-V23818-S5-B2 Datasheet
132Kb / 3P
   SFP - Small Form-factor Pluggable Cage Dust Plug
2003-05-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com