Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL201G Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # RL201G
Description  TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

RL201G Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  RL201G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
RL201G THRU RL207G
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE:50-1000V
CURRENT:2.0A
FEATURES
·High reliability
·Low leakage
·Low forward voltage drop
·High current capability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 0.38 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RL201
G
RL202
G
RL203
G
RL204
G
RL205
G
RL206
G
RL207
G
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward rectified Current
at TA=75°C
Io
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
70
A
Maximum Instantaneous forward Voltage at 2.0A
DC
VF
1.1
V
@ TA=25°C
5.0
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@ TA=100°C
500
Maximum Full Load Reverse Current Average,
Full Cycle .375
”(9.5mm) lead length at T
L=75°C
IR
30
µA
Typical Junction Capacitance (Note)
CJ
20
pF
Typical Thermal Resistance
RθJA
40
°C/W
Notes:
Measured at 1MHz and applied reverse voltage of 4.0 volts
DO-15
1.0(25.4)
MIN.
.034(0.9)
.028(0.7) DIA.
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
.140(3.6)
.104(2.6) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - RL201G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
RL201G CHENDA-RL201G Datasheet
580Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
RL201G RECTRON-RL201G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Shanghai Shunye Electro...
RL201G SY-RL201G Datasheet
1,021Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Diode Semiconductor Kor...
RL201G DSK-RL201G Datasheet
280Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
RL201G HY-RL201G Datasheet
765Kb / 3P
   Glass Passivated Rectifiers
More results

Similar Description - RL201G

ManufacturerPart #DatasheetDescription
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05M DCCOM-6A05M Datasheet
479Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
BY251 DCCOM-BY251 Datasheet
413Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1A1 CHONGQING-1A1 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N4001G CHONGQING-1N4001G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391G CHONGQING-1N5391G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391 CHONGQING-1N5391 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
5A05G CHONGQING-5A05G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com