Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB157 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # RB157
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

RB157 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  RB157 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
RB151 THRU RB157
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE:50-1000V
CURRENT:1.5A
FEATURES
·Surge overload ratings-50 Amperes
·Good for printed circuit board assembly
MECHANICAL DATA
·Case: Plastic shell with plastic encapsulation
·Epoxy: UL 94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity: As marked
·Mounting position: Any
·Weight: 1.04 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL RB151 RB152 RB153 RB154 RB155 RB156 RB157
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum
Average Forward rectified Output
Current at TA=25°C
Io
1.5
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
50
A
Maximum Forward Voltage Drop per element at
1.0A DC
VF
1.0
V
@ TA=25°C
10
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per element
@ TA=100°C
IR
500
µA
I
2t Rating for Fusing (t﹤8.3ms)
I
2t
10
A
2S
Typical Junction Capacitance (Note 1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RθJA
40
°C/W
Notes:
1.Measured at 1MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to lead mounted on P.C.B with 0.5
×0.5”(13×13mm) copper pads
RB-15
1.0
25.4 MIN.
1.2
(30.5) MIN.
.032(0.8)
.028(0.7)
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
.360(9.1)
.340(8.6)
.150(3.8)
.130(3.3)
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - RB157

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RB157 RECTRON-RB157 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
UNIOHM CORPORATION
RB157 UNIOHM-RB157 Datasheet
60Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
RB157 CHENDA-RB157 Datasheet
74Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
RB157 SEMTECH-RB157 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
MIC GROUP RECTIFIERS
RB157 MIC-RB157 Datasheet
101Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - RB157

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com