Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-PL2LATD51C Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # CT2-PL2LATD51C
Description  OC-12 SFP Transceiver (Multirate,1310 nm and 1550 nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-PL2LATD51C Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  CT2-PL2LATD51C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-PL2LATD51C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-PL2LATD51C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-PL2LATD51C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-PL2LATD51C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-PL2LATD51C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-PL2LATD51C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-PL2LATD51C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
OC-12 SFP TRANSCEIVER
Dimension Table for the CT2
Designator
Dimension
Tolerance
Comments
A
13.7 mm
±0.1 mm
Transceiver width, nose piece or front that extends inside cage
B
8.6 mm
±0.1 mm
Transceiver height, front, that extends inside cage
C
8.5 mm
±0.1 mm
Transceiver height, rear
D
13.4 mm
±0.1 mm
Transceiver width, rear
E
1.0 mm
Maximum
Extension of front sides outside of cage
F
2.3 mm
Reference
Location of cage grounding springs from centerline, top
G
4.2 mm
Reference
Location of side cage grounding springs from top
H
2.0 mm
Maximum
Width of cage grounding springs
J
28.5 mm
Minimum
Location of transition between nose piece and rear of transceiver
K
55.0 mm
Reference
Transceiver overall length
L
1.1 mm x 45°
Minimum
Chamfer on bottom of housing
M
2.0 mm
±0.25 mm
Height of rear shoulder from transceiver printed circuit board
N
2.25 mm
±0.1 mm
Location of printed circuit board to bottom of transceiver
P
1.0 mm
±0.1 mm
Thickness of printed circuit board
Q
9.2 mm
±0.1 mm
Width of printed circuit board
R
0.7 mm
Maximum
Width of skirt in rear of transceiver
S
45.0 mm
±0.2 mm
Length from latch shoulder to rear of transceiver
T
34.6 mm
±0.3 mm
Length from latch shoulder to bottom opening of transceiver
U
41.8 mm
±0.15 mm
Length from latch shoulder to end of printed circuit board
V
2.7 mm
±0.05 mm
Length from latch shoulder to shoulder of transceiver outside of cage
(location of positive stop)
W
2.7 mm
±0.1 mm
Clearance for actuator tines
X
7.3 mm
Reference
Transceiver length extending outside of cage
Y
2.0 mm
Maximum
Maximum length of top and bottom transceiver extending outside of cage
Z
0.45 mm
±0.05 mm
Height of latch boss
AA
8.6 mm
Reference
Transceiver height, front, that extends inside the cage
AB
2.6 mm
Maximum
Length of latch boss
AE
6.0 mm
Reference
Width of cavity that contains the actuator
Bail Latch Color Code Definition
Bail Latch Color
Wavelength
Typical Reach
Yellow
1310 nm
IR (15 km)
Red
1310 nm
LR (40 km)
White
1550 nm
LR (80 km)


Similar Part No. - CT2-PL2LATD51C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-30 NAIS-CT2-30 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-34 NAIS-CT2-34 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-40 NAIS-CT2-40 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
logo
List of Unclassifed Man...
CT2-A30/L ETC-CT2-A30/L Datasheet
348Kb / 1P
   Electronic timer relay
More results

Similar Description - CT2-PL2LATD51C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-MS1LATD31C JDSU-CT2-MS1LATD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
   OC-3 SFP Transceiver (1310 nm and 1550 nm)
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9640MG OPTOWAY-SPB-9640MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9720MWG OPTOWAY-SPB-9720MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com