Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54CBT16212A Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54CBT16212A
Description  24-BIT FET BUS-EXCHANGE SWITCHES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54CBT16212A Datasheet(HTML) 4 Page - Texas Instruments

  SN54CBT16212A Datasheet HTML 1Page - Texas Instruments SN54CBT16212A Datasheet HTML 2Page - Texas Instruments SN54CBT16212A Datasheet HTML 3Page - Texas Instruments SN54CBT16212A Datasheet HTML 4Page - Texas Instruments SN54CBT16212A Datasheet HTML 5Page - Texas Instruments SN54CBT16212A Datasheet HTML 6Page - Texas Instruments SN54CBT16212A Datasheet HTML 7Page - Texas Instruments SN54CBT16212A Datasheet HTML 8Page - Texas Instruments SN54CBT16212A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN54CBT16212A, SN74CBT16212A
24BIT FET BUSEXCHANGE SWITCHES
SCDS007U − NOVEMBER 1992 − REVISED JUNE 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
48
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
56
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GQL/ZQL package
42
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54CBT16212A
SN74CBT16212A
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
4
5.5
V
VIH
High-level control input voltage
2
2
V
VIL
Low-level control input voltage
0.8
0.8
V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54CBT16212A
SN74CBT16212A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
II
VCC = 0,
VI = 5.5 V
10
10
A
II
VCC = 5.5 V,
VI = 5.5 V or GND
±1
±1
µA
ICC
VCC = 5.5 V,
IO = 0, VI = VCC or GND
3.2
3
µA
∆ICC§ Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
2.5
2.5
mA
Ci
Control inputs
VI = 3 V or 0
2.5
2.5
pF
Cio(off)
VO = 3 V or 0,
S0, S1, and S2 = GND
7.5
7.5
pF
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
II = 15 mA
14
20
14
20
ron¶
VI = 0
II = 64 mA
4
10
4
7
ron¶
VCC = 4.5 V
VI = 0
II = 30 mA
4
10
4
7
VCC = 4.5 V
VI = 2.4 V,
II = 15 mA
6
14
6
12
‡ All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
¶ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.


Similar Part No. - SN54CBT16212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16212A TI-SN54CBT16212A Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI1-SN54CBT16212A Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
More results

Similar Description - SN54CBT16212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383_06 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com