Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7609-104-470M Datasheet(PDF) 1 Page - ETAL Group

Part # P7609-104-470M
Description  POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7609-104-470M Datasheet(HTML) 1 Page - ETAL Group

  P7609-104-470M Datasheet HTML 1Page - ETAL Group P7609-104-470M Datasheet HTML 2Page - ETAL Group P7609-104-470M Datasheet HTML 3Page - ETAL Group P7609-104-470M Datasheet HTML 4Page - ETAL Group P7609-104-470M Datasheet HTML 5Page - ETAL Group P7609-104-470M Datasheet HTML 6Page - ETAL Group P7609-104-470M Datasheet HTML 7Page - ETAL Group P7609-104-470M Datasheet HTML 8Page - ETAL Group P7609-104-470M Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ETALDOC 841/4
Page 1 of 11
December 2006
PRODUCT DATA SHEET
POWER INDUCTOR
P7609 Family
Features
Applications
∗ Lead-free (Pb-free)
∗ DC-DC Converters
∗ RoHS compliant
∗ Notebook and handheld equipment
∗ Current to 3.8A
∗ LCD TV sets
∗ Low DCR (to 30mΩ)
∗ Consumer products
∗ Low profile (to 2.2mm)
∗ Surface Mount
∗ Flat top for pick & place
∗ Electroplated terminals
DESCRIPTION
The P7609 family comprises medium current,
unshielded power inductors available in eight low
profile sizes (2.2-5.4mm).
The range covers three decades of values from
1µH to 820µH, and provides very cost-effective
and
compact
solutions
for
medium
power
applications.
In this family Pb-free electrodes are directly
plated onto the ferrite. Such terminations provide
excellent solderability, terminal strength and heat
resistance.
The P7609 family is compliant with RoHS
Directive 2002/95/EC, and suitable for lead-free
and conventional placement and reflow.
P7609-073
P7609-075
P7609-104
P7609-105
P7609-054
P7609-052
P7609-043
P7609-032


Similar Part No. - P7609-104-470M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7609-104-470M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com