Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCG05D10054-22XF Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # SCG05D10054-22XF
Description  Benchtop/Rackmount Programmable Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SCG05D10054-22XF Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  SCG05D10054-22XF Datasheet HTML 1Page - JDS Uniphase Corporation SCG05D10054-22XF Datasheet HTML 2Page - JDS Uniphase Corporation SCG05D10054-22XF Datasheet HTML 3Page - JDS Uniphase Corporation SCG05D10054-22XF Datasheet HTML 4Page - JDS Uniphase Corporation SCG05D10054-22XF Datasheet HTML 5Page - JDS Uniphase Corporation SCG05D10054-22XF Datasheet HTML 6Page - JDS Uniphase Corporation SCG05D10054-22XF Datasheet HTML 7Page - JDS Uniphase Corporation SCG05D10054-22XF Datasheet HTML 8Page - JDS Uniphase Corporation SCG05D10054-22XF Datasheet HTML 9Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WEBSITE
: www.jdsu.com/test
COMMUNICATIONS TEST & MEASUREMENT SOLUTIONS
Key Features
SB and SC series
• SB series can accommodate up to 48 channels and offer up
to two input channels
• SC series can accommodate up to 180 channels and offer
up to four input channels
• Low IL, 0.4 dB typical
• Excellent repeatability, +/- 0.003 dB typical
• High return loss (RL) > 65 dB typical
• GPIB and RS-232 remote control
SCG series
• Offer up to 45 input channels and 90 output channels
• Mass input reconfiguration possible
• Low IL, 0.5 dB typical for D configuration
• High RL > 65 dB typical
• Excellent repeatability, +/- 0.005 dB typical
• Replaces multiple switch elements with one switch instrument
The JDSU SB, SC, and SCG series of Benchtop/Rackmount Programmable Switches
can be controlled using the front panel keys and a numeric pad or via GPIB and
serial RS-232 interface. The SCG series ganged input switches allow a single
switch instrument to replace multiple switch elements while maintaining low loss.
In this series of switches, the inputs are ganged together in a particular sequence
and are thus able to offer three different modes of operation.
The SB, SC, and SCG series switches are available in four basic configurations:
• C configuration - is a single common input model (SB, SC)
• D configuration - provides simultaneous connection of a bank of input fibers
to output fibers (SB, SC, SCG)
• E configuration - allows any input to be connected to any output while other
inputs/outputs are aligned to subsequent/adjacent channels. The switch is
non-blocking in this mode and other inputs/outputs are aligned (SB, SC, SCG)
• F configuration - enables one of the inputs to be aligned with an output in a
blocking sense, with a result in reduction of available output channels and a
low-loss M x N blocking switch. (SB, SC, SCG)
Operation of these switches is based upon JDSU's proven expanded beam lens
technology, which utilizes a precision stepper-motor to align optical channels.
The use of collimating lenses minimizes insertion loss (IL) and improves
repeatability and performance. Internal temperature control of the switching
mechanism ensures excellent operational stability.
Applications
• Fiberoptic component testing and
measurement
• System testing
• Research and development (R&D)
• Mass reconfiguration of large numbers
of inputs/outputs with SCG series
(D configuration)
• Connection of multiple wavelength
sources to any one of a number of
devices with SCG series (F configuration)
• Network monitoring
Safety Information
• Complies to CE requirements plus
UL3101-1 and CAN/CSA-C22.2 No.
1010.1
Benchtop/Rackmount Programmable Switches
SB/SC/SCG Series


Similar Part No. - SCG05D10054-22XF

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SCG002 WJCI-SCG002 Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002 WJCI-SCG002 Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-PCB WJCI-SCG002B-PCB Datasheet
127Kb / 4P
   InGaP HBT Gain Block
More results

Similar Description - SCG05D10054-22XF

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-505 JFW-50PA-505 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com