Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWS-200012004 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FWS-200012004
Description  Amplified Spontaneous Emission Noise Rejection Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWS-200012004 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FWS-200012004 Datasheet HTML 1Page - JDS Uniphase Corporation FWS-200012004 Datasheet HTML 2Page - JDS Uniphase Corporation FWS-200012004 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
AMPLIFIED SPONTANEOUS EMISSION
NOISE REJECTION FILTER
Sample: FWS-200011000
FWS-2000
Code
Fiber Type
1
250 µm fiber
2
900 µm fiber
Code
Model
1
1535 to 1565 nm
2
1537 to 1565 nm
3
1544 to 1565 nm
Code
Optical Power
0
Standard power, 500 mW
1
High power, 2 W
Code
Connector Type1,2
0
No connector
1FC/SPC
2
FC/APC
3
SC/SPC
4
SC/APC
5ST
6
LC/SPC
1. Connectors available only with 900 µm fiber option.
2. Other connectors available upon request.
Code
Package
0
Standard
1
Miniature
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 21021899 005 0708
ASEFFWS.DS.CC.AE
July 2008
SMF-28 is a registered trademark of Corning Incorporated. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


Similar Part No. - FWS-200012004

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-2150 AAEON-FWS-2150 Datasheet
371Kb / 2P
   Desktop VIA C7/ Eden Network Appliance With 5 LAN Ports
FWS-2160 AAEON-FWS-2160 Datasheet
235Kb / 2P
   mini-pcle slot
FWS-2160E6-A10-A10-00 AAEON-FWS-2160E6-A10-A10-00 Datasheet
235Kb / 2P
   mini-pcle slot
FWS-2200 AAEON-FWS-2200 Datasheet
330Kb / 2P
   Desktop Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
FWS-2250 AAEON-FWS-2250 Datasheet
181Kb / 2P
   mini-card socket
More results

Similar Description - FWS-200012004

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
CNS7108 MICRONETICS-CNS7108 Datasheet
99Kb / 2P
   COAXIAL AMPLIFIED NOISE SOURCE
CNS7105 MICRONETICS-CNS7105 Datasheet
102Kb / 2P
   COAXIAL AMPLIFIED NOISE SOURCE
CNS7109 MICRONETICS-CNS7109 Datasheet
99Kb / 2P
   COAXIAL AMPLIFIED NOISE SOURCE
CNS7106 MICRONETICS-CNS7106 Datasheet
102Kb / 2P
   COAXIAL AMPLIFIED NOISE SOURCE
SMN7106 MICRONETICS-SMN7106 Datasheet
601Kb / 3P
   SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7105 MICRONETICS-SMN7105 Datasheet
602Kb / 3P
   SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7114-C2A MICRONETICS-SMN7114-C2A Datasheet
450Kb / 2P
   SURFACE MOUNT AMPLIFIED NOISE SOURCE
logo
Exar Corporation
XR4151CP-F EXAR-XR4151CP-F Datasheet
637Kb / 12P
   High Noise Rejection, Inherent Monotonicity
logo
Silonex Inc.
SLD-70BG2 SILONEX-SLD-70BG2 Datasheet
28Kb / 1P
   Infrared Rejection Filter Planar Photodiode
logo
Advanced Photonix, Inc.
SLD-70BG2 ADVANCEDPHOTONIX-SLD-70BG2 Datasheet
103Kb / 1P
   Infrared Rejection Filter Planar Photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com