Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWS-200031004 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FWS-200031004
Description  Amplified Spontaneous Emission Noise Rejection Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWS-200031004 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FWS-200031004 Datasheet HTML 1Page - JDS Uniphase Corporation FWS-200031004 Datasheet HTML 2Page - JDS Uniphase Corporation FWS-200031004 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AMPLIFIED SPONTANEOUS EMISSION
NOISE REJECTION FILTER
Performance (Model 1)
1520
1530
1540
1550
1560
1570
-40
15
15
-35
-30
-25
-20
-15
-10
-5
0
5
WAVELENGTH (nm)
Specifications
Parameter
Model 1
Model 2
Model 3
Pass wavelength range
λP
1535 to 1565 nm
1537 to 1565 nm
1544 to 1565 nm
Rejection wavelength range
λR
1510 to 1530 nm
1510 to 1532 nm
1510 to 1538 nm
Insertion loss at
λP
Maximum
0.6 dB
0.6 dB
0.6 dB
Flatness at
λP
Maximum
0.3 dB
0.3 dB
0.3 dB
Isolation at
λR
Minimum
20 dB
20 dB
20 dB
Optical return loss
Minimum
50 dB
50 dB
50 dB
Polarization dependent loss
Maximum
0.05 dB
0.05 dB
0.05 dB
Polarization mode dispersion
Maximum
0.1 ps
0.1 ps
0.1 ps
Temperature dependent loss
Maximum
0.1 dB
0.1 dB
0.1 dB
Optical Power
Maximum
500mW
500mW
500mW
Tensile load
Maximum
5 N
5 N
5 N
Operating temperature
-5 to 75 °C
-5 to 75 °C
-5 to 75 °C
Storage temperature
-40 to 85 °C
-40 to 85 °C
-40 to 85 °C
Package dimensions (D x L)
250 µm
5.5 x 30 mm (Standard)
5.5 x 30 mm (Standard)
5.5 x 30 mm (Standard)
3.2 x 30 mm (Miniature)
3.2 x 30 mm (Miniature)
3.2 x 30 mm (Miniature)
900 µm
5.5 x 40 mm (Standard)
5.5 x 40 mm (Standard)
5.5 x 40 mm (Standard)
3.2 x 40 mm (Miniature)
3.2 x 40 mm (Miniature)
3.2 x 40 mm (Miniature)
Fiber length
>1.0 m
>1.0 m
>1.0 m


Similar Part No. - FWS-200031004

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-2150 AAEON-FWS-2150 Datasheet
371Kb / 2P
   Desktop VIA C7/ Eden Network Appliance With 5 LAN Ports
FWS-2160 AAEON-FWS-2160 Datasheet
235Kb / 2P
   mini-pcle slot
FWS-2160E6-A10-A10-00 AAEON-FWS-2160E6-A10-A10-00 Datasheet
235Kb / 2P
   mini-pcle slot
FWS-2200 AAEON-FWS-2200 Datasheet
330Kb / 2P
   Desktop Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
FWS-2250 AAEON-FWS-2250 Datasheet
181Kb / 2P
   mini-card socket
More results

Similar Description - FWS-200031004

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
CNS7108 MICRONETICS-CNS7108 Datasheet
99Kb / 2P
   COAXIAL AMPLIFIED NOISE SOURCE
CNS7105 MICRONETICS-CNS7105 Datasheet
102Kb / 2P
   COAXIAL AMPLIFIED NOISE SOURCE
CNS7109 MICRONETICS-CNS7109 Datasheet
99Kb / 2P
   COAXIAL AMPLIFIED NOISE SOURCE
CNS7106 MICRONETICS-CNS7106 Datasheet
102Kb / 2P
   COAXIAL AMPLIFIED NOISE SOURCE
SMN7106 MICRONETICS-SMN7106 Datasheet
601Kb / 3P
   SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7105 MICRONETICS-SMN7105 Datasheet
602Kb / 3P
   SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7114-C2A MICRONETICS-SMN7114-C2A Datasheet
450Kb / 2P
   SURFACE MOUNT AMPLIFIED NOISE SOURCE
logo
Exar Corporation
XR4151CP-F EXAR-XR4151CP-F Datasheet
637Kb / 12P
   High Noise Rejection, Inherent Monotonicity
logo
Silonex Inc.
SLD-70BG2 SILONEX-SLD-70BG2 Datasheet
28Kb / 1P
   Infrared Rejection Filter Planar Photodiode
logo
Advanced Photonix, Inc.
SLD-70BG2 ADVANCEDPHOTONIX-SLD-70BG2 Datasheet
103Kb / 1P
   Infrared Rejection Filter Planar Photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com