Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAB1596-20FA4 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # OAB1596-20FA4
Description  Benchtop Erbium-Doped Fiber Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

OAB1596-20FA4 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  OAB1596-20FA4 Datasheet HTML 1Page - JDS Uniphase Corporation OAB1596-20FA4 Datasheet HTML 2Page - JDS Uniphase Corporation OAB1596-20FA4 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Benchtop Erbium-Doped Fiber Amplifier
EDFA Series
Key Features
• Choice of wavelengths C- or L- bands
• High output power and gain
• Mid-span access
• Compact benchtop design with rackmount kit
• Single channel and multichannel dense wavelength
division multiplexing (DWDM) capabilities
• RS-232 remote control
COMMUNICATIONS TEST & MEASUREMENT
Applications
• Pre-amp booster, in-line amplifier
emulation
• Dense wavelength division multi-
plexing (DWDM) transmission,
for multichannel applications
• SONET/SDH systems, for single
channel applications
Safety Information
Complies to CE requirements plus
UL3101-1 and CAN/CSA-C22.2
No. 1010.1 Meets the requirements
of Class 3B in standard IEC
60825-1(2002) and complies with
21CFR1040.10 except deviations
per Laser Notice No. 50, July 2001.
The Benchtop Erbium-Doped Fiber Amplifier (EDFA) amplifies optical signals
across the EDFA window (1528 to 1610 nm). Through optimization of
amplifier gain, noise figure, and saturated output power, the EDFA will expand
your test capabilities in systems, components or sub-assembly manufacturing
as well as research and development (R&D) environments.
The amplifier incorporates a unique design to produce maximum signal gain
and saturated output power in the 1550 and 1590 nm test bands while
minimizing noise figure. It features a user-friendly front panel housing an LCD
displaying input/output power, current control and an optical interface.
The amplifier is offered in C-band, L-band and C+L-band versions and
pre-amplifier, booster, or in-line amplifier configurations.
The Benchtop models provide specialized variants and optical performance not
available in the Multiple Application Platform (MAP) line. Additional EDFA
models are available in the MAP EDFA product line.
WEBSITE
: www.jdsu.com


Similar Part No. - OAB1596-20FA4

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OAB13372 ORIONFANS-OAB13372 Datasheet
5Mb / 8P
   AC & EC FANS
OAB13391 ORIONFANS-OAB13391 Datasheet
5Mb / 8P
   AC & EC FANS
OAB18055 ORIONFANS-OAB18055 Datasheet
5Mb / 8P
   AC & EC FANS
OAB190 ORIONFANS-OAB190 Datasheet
93Kb / 1P
   Motorized Impeller 190 x 70mm (7.5??x 2.8??
OAB190 ORIONFANS-OAB190 Datasheet
5Mb / 8P
   AC & EC FANS
More results

Similar Description - OAB1596-20FA4

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com