Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM200ET003Y Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # COM200ET003Y
Description  WaveReadyTM Communication and Management Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

COM200ET003Y Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  COM200ET003Y Datasheet HTML 1Page - JDS Uniphase Corporation COM200ET003Y Datasheet HTML 2Page - JDS Uniphase Corporation COM200ET003Y Datasheet HTML 3Page - JDS Uniphase Corporation COM200ET003Y Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
COMMUNICATIONS MODULE 200
Performance Specifications1
Parameter
Minimum
Typical
Maximum
Electrical Characteristics
DC supply voltage
2
–48 V through WaveReady 3000-Series shelf
Power dissipation
5 W
8.5 W
Physical Dimensions
Size (H x W x L)
17.27 x 2.54 x 21.84 cm (6.8 x 1.0 x 8.6 in)
Weight (approximate)
0.54 kg (1.2 lb)
Mounting options
Mounts in a WaveReady 3000-Series shelf in a standard 19- or 23-inch telecommunications rack
Environmental Characteristics
Operating ambient temperature
–5°C
55°C
Storage temperature
–40°C
85°C
Relative humidity (non-condensing)
5%
95%
Interface
DB-9/RS232
Craft interface. 3-wire serial TTL, 9600 Baud, no parity, no flow control, 8 data bits, 1 stop bit craft interface.
RJ45 or 10/100BaseT Ethernet
Two auto-sense, auto-crossover Ethernet ports (ports A and B) for networking and daisy-chaining. One local craft access (LCA)
Ethernet port for local management and provisioning.
Front panel
5 LEDs: CARD (power), CRIT (Critical Alarm), MAJ (Major Alarm), MIN (Minor Alarm), ACO (Alarm Cut-Off).
2 pushbuttons: ACO (Alarm Cut-Off)and INIT (Initialize)
4 ports:RS232 (DB-9/RS232),LCA (RJ45 Ethernet,local craft access) A and B (RJ45 Ethernet,network ports)
Alarm relay signals
Dry contact, critical, major, and minor alarms. Relay is open under normal operation. Relay is closed when power is off or an alarm is
active.
Backplane Connector
Electrical
A single 96-pin connector mounted on the backplane. Compatible with all WaveReady 3000-Series shelves.
Software and Management
TL1 command mode
Standard TL1 syntax,Telcordia® GR-811-CORE compliant. Supported through the RS232 craft interface or Ethernet on ports LCA or A.
WaveReady Node Manager
Windows graphical user interface,TL1, and SNMPv3 supported through the RS232 craft interface or Ethernet on ports LCA or A.
Compatible with third-party management software, such as HP OpenView. Communication with remote modules through an
embedded supervisory channel is available for some modules.Requires JDSU WaveReady system software release 3.0 or above.
1Deploy product in accordance with each company's deployment directives.
2The DC power supply must be –48 V SELV output and certified by a nationally recognized test laboratory (NRTL). UL tested at –48 V.


Similar Part No. - COM200ET003Y

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I Datasheet
391Kb / 65P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results

Similar Description - COM200ET003Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
logo
STMicroelectronics
UM0470 STMICROELECTRONICS-UM0470 Datasheet
678Kb / 37P
   STM8 SWIM communication protocol and debug module
logo
WAGO Kontakttechnik Gmb...
2789-9080 WAGO-2789-9080 Datasheet
241Kb / 6P
   Communication module; IO-Link; communication capability
18.10.2021
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
   Communication Processor Module
logo
Schneider Electric
VW3A3627 SCHNEIDER-VW3A3627 Datasheet
91Kb / 2P
   Profinet communication module
Sep 18, 2021
logo
MRV Communications, Inc...
EM316NM MRV-EM316NM Datasheet
436Kb / 2P
   Network Management Module
logo
WAGO Kontakttechnik Gmb...
2789-9015 WAGO-2789-9015 Datasheet
130Kb / 5P
   Communication module; Modbus RTU; RJ45; communication capability
18.10.2021
logo
Rohm
RPM872-H14 ROHM-RPM872-H14 Datasheet
96Kb / 7P
   IrDA infrared communication module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com