Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2401G Datasheet(PDF) 3 Page - Littelfuse

Part # K2401G
Description  Teccor brand Thyristors Multipulse SIDACs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2401G Datasheet(HTML) 3 Page - Littelfuse

  K2401G Datasheet HTML 1Page - Littelfuse K2401G Datasheet HTML 2Page - Littelfuse K2401G Datasheet HTML 3Page - Littelfuse K2401G Datasheet HTML 4Page - Littelfuse K2401G Datasheet HTML 5Page - Littelfuse K2401G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
333
©2008 Littelfuse, Inc.
Revised: August 29, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
333
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Kxxx1G Series
Multipulse™ SIDACs
Figure 7: Peak Surge Current vs Surge Current Duration
Figure 8:Typical On-State Voltage vs On-State Current
Instantaneous On-State Voltage v
T (V)
1.2
1.6
2
2.4
2.8
3.2
3.6
0.1
1
10
125°C
25°C
0
10
100
1000
0
10
20
40
Surge Current Duration – Full Cycles
100
320VDC
(nominal)
1Mohm
30uH
0.2uF
DUT
L6008V6
300ohm
6V, 500us
iSIDAC
iSIDAC
time
25A
commutation time, tcomm
~10μs
SIDAC Current Response Waveform
SIDAC CommutationTimeTest Circuit
Figure 9: MultipulseSIDAC t
COMM , Commutation Time
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: I
T Maximum Rated Value at
Specified Junction Temperature
Notes:
1. Blocking capability may be lost during
and immediately following surge
current interval.
2. Overload may not be repeated until
junction temperature has returned
to steady-state rated value.


Similar Part No. - K2401G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2401G LITTELFUSE-K2401G Datasheet
225Kb / 6P
   Teccor brand Thyristors
K2401G LITTELFUSE-K2401G Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
K2401GL LITTELFUSE-K2401GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2401GLRP LITTELFUSE-K2401GLRP Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2401GRP LITTELFUSE-K2401GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
More results

Similar Description - K2401G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6S2RP LITTELFUSE-S6S2RP Datasheet
293Kb / 10P
   Teccor brand Thyristors
K2201G LITTELFUSE-K2201G Datasheet
225Kb / 6P
   Teccor brand Thyristors
K2500SRP LITTELFUSE-K2500SRP Datasheet
431Kb / 12P
   Teccor brand Thyristors
S2065KTP LITTELFUSE-S2065KTP Datasheet
207Kb / 8P
   Teccor brand Thyristors
S4040XQX LITTELFUSE-S4040XQX Datasheet
920Kb / 8P
   Teccor brand Thyristors
Q6025K6TP LITTELFUSE-Q6025K6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com