Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7605-3316-221M Datasheet(PDF) 1 Page - ETAL Group

Part # P7605-3316-221M
Description  POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7605-3316-221M Datasheet(HTML) 1 Page - ETAL Group

  P7605-3316-221M Datasheet HTML 1Page - ETAL Group P7605-3316-221M Datasheet HTML 2Page - ETAL Group P7605-3316-221M Datasheet HTML 3Page - ETAL Group P7605-3316-221M Datasheet HTML 4Page - ETAL Group P7605-3316-221M Datasheet HTML 5Page - ETAL Group P7605-3316-221M Datasheet HTML 6Page - ETAL Group P7605-3316-221M Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ETALDOC 835/2
Page 1 of 7
July 2005
PRODUCT DATA SHEET
POWER INDUCTOR
P7605 Family
Features
Applications
∗ Lead-free (Pb-free)
∗ DC-DC Converters
∗ RoHS compliant
∗ High Current/Low Voltage Converters
∗ High Current (Saturation to 20A)
∗ Notebook and handheld equipment
∗ Low DCR (to 9mΩ)
∗ Flash memory programmers
∗ Low profile (to <3mm)
∗ Surface Mount
∗ Flat top for pick & place
DESCRIPTION
The
P7605
family
comprises
high
current,
unshielded power inductors.
Six mechanical sizes are available, offering
compact solutions for applications requiring high
energy storage.
The 1608 size has a profile less than 3mm and
employs a ceramic base to assist heat transfer,
enabling a very high current density.
The 3308, 3316 and 3340 sizes share the same
footprint, but differ in height.
The P7605 family of components is compliant
with RoHS Directive 2002/95/EC, and suitable for
Pb-free and conventional placement and reflow.
P7605-1608
P7605-2012
P7605-3308
P7605-3316
P7605-3340
P7605-5022


Similar Part No. - P7605-3316-221M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7605-3316-221M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com