Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5227B Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 1N5227B
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

1N5227B Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  1N5227B Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 1N5227B Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 1N5227B Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
SILICON PLANAR POWER ZENER DIODES
Zener Voltage range
1)
Dynamic
recsistance
3)
Reverse
leakage
current
Temp
coefficient
Zener Voltage
Vznom
4)
IZT
for
VZT
2)
rZJT
Rzjt at
Izk
IR
2)
at
VR
TKVZ
TYPE
V
mA
V
Ω
Ω
mA
µA
V
%/K
1N5221B
2.4
20
2.28
2.52
30
1200
0.25
100
1
-0.085
…0
1N5222B
2.5
20
2.38
2.63
30
1250
0.25
100
1
-0.085
…0
1N5223B
2.7
20
2.57
2.84
30
1300
0.25
75
1
-0.080
…0
1N5224B
3.0
20
2.85
3.15
29
1600
0.25
50
1
-0.075
…0
1N5225B
3.3
20
3.14
3.47
28
1600
0.25
25
1
-0.070
…0
1N5226B
3.6
20
3.42
3.78
24
1700
0.25
15
1
-0.065
…0
1N5227B
3.9
20
3.71
4.10
23
1900
0.25
10
1
-0.060
…0
1N5228B
4.3
20
4.09
4.52
22
2000
0.25
5
1
-0.055
…+0.055
1N5229B
4.7
20
4.47
4.94
19
1900
0.25
5
2
-0.030
…+0.030
1N5230B
5.1
20
4.85
5.36
17
1600
0.25
5
2
-0.030
…+0.030
1N5231B
5.6
20
5.32
5.88
11
1600
0.25
5
3
0
…0.038
1N5232B
6
20
5.70
6.30
7
1600
0.25
5
3.5
0
…0.038
1N5233B
6.2
20
5.89
6.51
7
1000
0.25
5
4
0
…0.045
1N5234B
6.8
20
6.46
7.14
5
750
0.25
3
5
0
…0.050
1N5235B
7.5
20
7.13
7.88
6
500
0.25
3
6
0
…0.058
1N5236B
8.2
20
7.79
8.61
8
500
0.25
3
6.5
0
…0.062
1N5237B
8.7
20
8.27
9.14
8
600
0.25
3
6.5
0
…0.065
1N5238B
9.1
20
8.65
9.56
10
600
0.25
3
7
0
…0.068
1N5239B
10
20
9.50
10.50
17
600
0.25
2
8
0
…0.075
1N5240B
11
20
10.45
11.55
22
600
0.25
2
8.4
0
…0.076
1N5241B
12
20
11.40
12.60
30
600
0.25
1
9.1
0
…0.077
1N5242B
13
9.5
12.35
13.65
13
600
0.25
0.5
9.9
0
…0.079
1N5243B
14
9
13.30
14.70
15
600
0.25
0.1
10
0
…0.082
1N5244B
15
8.5
14.25
15.75
16
600
0.25
0.1
11
0
…0.082
1N5245B
16
7.8
15.20
16.80
17
600
0.25
0.1
12
0
…0.083
1N5246B
17
7.4
16.15
17.85
19
600
0.25
0.1
13
0
…0.084
1N5247B
18
7
17.10
18.90
21
600
0.25
0.1
14
0
…0.085
1N5248B
19
6.6
18.05
19.95
23
600
0.25
0.1
14
0
…0.086
1N5249B
20
6.2
19.00
21.00
25
600
0.25
0.1
15
0
…0.086
1N5250B
22
5.6
20.90
23.10
29
600
0.25
0.1
17
0
…0.087
1N5251B
24
5.2
22.80
25.20
33
600
0.25
0.1
18
0
…0.088
1N5252B
25
5
23.75
26.25
35
600
0.25
0.1
19
0
…0.089
1N5253B
27
4.6
25.65
28.35
41
600
0.25
0.1
21
0
…0.090
1N5254B
28
4.5
26.60
29.40
44
600
0.25
0.1
21
0
…0.091
1N5255B
30
4.2
28.50
31.50
49
600
0.25
0.1
23
0
…0.091
1N5256B
33
3.8
31.35
34.65
58
700
0.25
0.1
25
0
…0.092
1N5257B
36
3.4
34.20
37.80
70
700
0.25
0.1
27
0
…0.093
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - 1N5227B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5227B VISHAY-1N5227B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5227B ZSELEC-1N5227B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Tiger Electronic Co.,Lt...
1N5227B TGS-1N5227B Datasheet
264Kb / 3P
   Zener diode
logo
Weitron Technology
1N5227B WEITRON-1N5227B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
1N5227B YEASHIN-1N5227B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5227B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com