Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFI-20 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # OFI-20
Description  OFI-2000 Multifunction Loss Test Set
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

OFI-20 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  OFI-20 Datasheet HTML 1Page - JDS Uniphase Corporation OFI-20 Datasheet HTML 2Page - JDS Uniphase Corporation OFI-20 Datasheet HTML 3Page - JDS Uniphase Corporation OFI-20 Datasheet HTML 4Page - JDS Uniphase Corporation OFI-20 Datasheet HTML 5Page - JDS Uniphase Corporation OFI-20 Datasheet HTML 6Page - JDS Uniphase Corporation OFI-20 Datasheet HTML 7Page - JDS Uniphase Corporation OFI-20 Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OFI-2000 MULTIFUNCTION LOSS TEST SET
Bi-directional FTTx testing using one technician
– In compliance with ITU-T G.983.3, the OFI-2000 provides a three wavelength
version at 1310 nm, 1490 nm, and 1550 nm, expanding its test capabilities to
FTTx/PON
– The master-master operation of the OFI-2000 enables technicians to leave one
unit at the central office (CO) in standby mode and perform the testing from
the ONT using the other unit. Alternatively, multiple OFI test instruments
(OFI-2000s or OFI modules for the MTS/T-BERD platforms) can be used.
– Document both ends of the link with one piece of test equipment
Communicate along the fiber
Near-end and far-end technicians can communicate with each other using the
built-in short messaging system (SMS). For more flexible dialog during testing
using a dedicated communications fiber, the OFI-2000 is available with a 45 dB
optical talk set option, providing a dedicated port and headset/microphone for
both units.
– 45 dB optical talk set offers a constant communication capability with a
dedicated port and headset/microphone
– Compatible with all optical talk sets in JDSU’s product portfolio, including the
MTS/T-BERD platforms and the OTS-55
4
Data
Voice
1310 nm
1490 nm
IP Video
Central Office
OLT
ONT
ONT
FTTx/PON characterization using one technician at the customer premises


Similar Description - OFI-20

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
VA50-TP-2_40-60 ROSENBERGER-VA50-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_40-60 ROSENBERGER-VA41-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA70-TP-1.85-60 ROSENBERGER-VA70-TP-1.85-60 Datasheet
105Kb / 2P
   TEST CABLE SET
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
   TEST CABLE SET
logo
Aeroflex Circuit Techno...
IFR6015 AEROFLEX-IFR6015 Datasheet
580Kb / 12P
   Ramp Test Set
logo
Rosenberger Hochfrequen...
VA41-TP-W-60 ROSENBERGER-VA41-TP-W-60 Datasheet
112Kb / 2P
   TEST CABLE SET
VA40-TP-2.92-60 ROSENBERGER-VA40-TP-2.92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_92-60 ROSENBERGER-VA41-TP-2_92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA40-TP-2_92-60 ROSENBERGER-VA40-TP-2_92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA40-TP-W-60 ROSENBERGER-VA40-TP-W-60 Datasheet
112Kb / 2P
   TEST CABLE SET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com