Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT245DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT245DW
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT245DW Datasheet(HTML) 5 Page - Texas Instruments

  SN74BCT245DW Datasheet HTML 1Page - Texas Instruments SN74BCT245DW Datasheet HTML 2Page - Texas Instruments SN74BCT245DW Datasheet HTML 3Page - Texas Instruments SN74BCT245DW Datasheet HTML 4Page - Texas Instruments SN74BCT245DW Datasheet HTML 5Page - Texas Instruments SN74BCT245DW Datasheet HTML 6Page - Texas Instruments SN74BCT245DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54BCT245, SN74BCT245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS013F – SEPTEMBER 1988 – REVISED APRIL 1994
2–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figures 1 through 4 show the typical power dissipation for an SN74BCT245 over variations in outputs switching,
output frequency, and capacitive load.
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 15 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 100 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 150 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 50 pF
f – Frequency – MHz
f – Frequency – MHz
f – Frequency – MHz
f – Frequency – MHz
10
20
30
40
750
600
450
300
150
900
Four Switching
10
20
30
40
1250
1000
750
500
250
1500
1250
1000
750
500
250
1500
10
20
30
40
10
20
30
40
Four Switching
One Switching
Four Switching
Eight Switching
Eight Switching
1000
800
600
400
200
1200
1050
0
050
1400
0
50
0
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
0
1750
050
1750
0
050
One Switching
Figure 1
Figure 2
Figure 3
Figure 4
Eight Switching
Four Switching
One Switching
One Switching
Eight Switching
† The dashed lines are for the DB package only.


Similar Part No. - SN74BCT245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT245DW TI-SN74BCT245DW Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74BCT245DWE4 TI-SN74BCT245DWE4 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74BCT245DWG4 TI-SN74BCT245DWG4 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74BCT245DWR TI-SN74BCT245DWR Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74BCT245DWRE4 TI-SN74BCT245DWRE4 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
More results

Similar Description - SN74BCT245DW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com