Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5237-11 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # C5237-11
Description  Stud Type Junction Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C5237-11 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  C5237-11 Datasheet HTML 1Page - Cooper Bussmann, Inc. C5237-11 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
C
B
.75"
.375"
.375"
.625"
1.0"
.31"
.81"
1.16"
.31"
.5"
1.16"
Mtg. holes 9/32"X3/8" slot
JB1032-120-XX
(No bosses between studs)
C5237
(A,B,C Dimensions ars the same as C5237)
Series C4559 & C6083
SPECIFICATIONS
Rating: 30A, 600V
Operating Temperature: 250°F (120°C)
Standards: 2 to 16 steel studs with #10-24
threads on .750" centers and a “dog point”
to guide nut onto thread.
Torque Rating: 20 in-lb (25 in-lb).
Marking: Numbers and arrows molded on
top of barriers indicate terminals.
Approvals: UL/CSA; CE Certified
Series C5237 & JB1032
SPECIFICATIONS
Rating: UL: 30A, 300V; CSA: 30A, 600V.
Operating Temperature: 250°F (120°C)
Standards: 1 to 15 brass studs on .625"
centers with #10-32 thread and a “dog
point” to guide nut onto thread.
Torque Rating: 20 in-lb (25 in-lb).
Marking: Numbers and arrows molded on
top of barriers indicate terminals.
Approvals: UL/CSA; CE Certified
A
C
B
.75"
(19.05)
.75"
(19.05)
.375"
(9.53)
.375"
(9.53)
1.12"
(28.45)
0ther series available with .750" centers:
#10-32 zinc plated
steel studs
.31"
(7.87)
.31"
(7.87)
.84"
(21.34)
.84"
(21.34)
1.09"
(27.69)
C6083
C4559
1.05"
(26.67)
Mtg. holes 9/32"x 3/8" slot
(A,B,C Dimensions are the same as C4559)
Dimensions
Dimensions
Stud Type Junction Blocks
(Non-Feed Thru)
Part No.
A
B
C
C4559-2
3.00 (76.2)
2.25 (57.1)
0.75 (19.0)
C4559-3
3.75 (95.2)
3.00 (76.2)
1.50 (38.1)
C4559-4
4.50 (114.3)
3.75 (95.2)
2.25 (57.1)
C4559-5
5.25 (133.3)
4.50 (114.3)
3.00 (76.2)
C4559-6
6.00 (152.4)
5.25 (133.3)
3.75 (95.2)
C4559-7
6.75 (171.4)
6.00 (152.4)
4.50 (114.3)
C4559-8
7.50 (190.5)
6.75 (171.4)
5.25 (133.3)
C4559-9
8.25 (209.5)
7.50 (190.5)
6.00 (152.4)
C4559-10
9.00 (228.6)
8.25 (209.5)
6.75 (171.4)
C4559-11
9.75 (247.6)
9.00 (228.6)
7.50 (190.5)
C4559-12
10.50 (266.7)
9.75 (247.6)
8.25 (209.5)
C4559-13
11.25 (285.7)
10.50 (266.7)
9.00 (288.6)
C4559-14
12.00 (308.4)
11.25 (285.7)
9.75 (247.6)
C4559-15
12.75 (323.8)
12.00 (308.4)
10.50 (266.7)
C4559-16
13.50 (342.9)
12.75 (323.8)
11.25 (285.7)
Part No.
A
B
C
C5237-1
2.00 (50.8)
1.25 (31.7)
C5237-2
2.62 (66.7)
1.87 (47.5)
.625 (15.9)
C5237-3
3.25 (82.5)
2.50 (63.4)
1.25 (31.7)
C5237-4
3.87 (98.4)
3.12 (79.4)
1.87 (47.5)
C5237-5
4.50 (114.3)
3.75 (95.2)
2.50 (63.4)
C5237-6
5.12 (130.8)
4.37 (111.1)
3.12 (79.4)
C5237-7
5.75 (146.0)
5.00 (127.0)
3.75 (95.2)
C5237-8
6.37 (161.9)
5.62 (142.9)
4.37 (111.1)
C5237-9
7.00 (177.8)
6.25 (158.7)
5.00 (127.0)
C5237-10
7.62 (193.7)
6.87 (174.6)
5.62 (142.9)
C5237-11
8.25 (209.5)
7.50 (190.5)
6.25 (158.7)
C5237-12
8.87 (225.4)
8.12 (206.4)
6.87 (174.6)
C5237-13
9.50 (241.3)
8.75 (222.2)
7.50 (190.5)
C5237-14
10.12 (257.2)
9.37 (238.1)
8.12 (206.4)
C5237-15
10.75 (273.0)
10.00 (254.0)
8.75 (222.2)
139


Similar Part No. - C5237-11

ManufacturerPart #DatasheetDescription
logo
Powerbox
C523 POWERBOX-C523 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
More results

Similar Description - C5237-11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2791 ETC1-C2791 Datasheet
491Kb / 2P
   Feed-through and standalone stud type junction blocks
logo
Cooper Bussmann, Inc.
CPB162 COOPER-CPB162 Datasheet
95Kb / 2P
   Connector/Stud Power Distribution Blocks
logo
Banner Engineering Corp...
R50-4M125-M125Q-P BANNER-R50-4M125-M125Q-P Datasheet
2Mb / 4P
   Molded Junction Blocks - Parallel Wired
Rev. A / 9 May 2022
logo
Adam Technologies, Inc.
EB59-XX-A ADAM-TECH-EB59-XX-A Datasheet
87Kb / 1P
   MINI TYPE SIMPLE TYPE CLAMP TERMINAL BLOCKS
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
   SCHOTTKY DIODES STUD TYPE 60A
logo
Naina Semiconductor ltd...
150NT NAINA-150NT_17 Datasheet
109Kb / 2P
   Phase Control Thyristors (Stud Type), 150A
240NS NAINA-240NS Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Type), 320A
logo
TRANSYS Electronics Lim...
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 40 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
   SCHOTTKY DIODES STUD TYPE 75 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com