Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3190TR Datasheet(PDF) 2 Page - ETAL Group

Part # P3190TR
Description  MICROPROFILE PICK-OFF TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3190TR Datasheet(HTML) 2 Page - ETAL Group

  P3190TR Datasheet HTML 1Page - ETAL Group P3190TR Datasheet HTML 2Page - ETAL Group P3190TR Datasheet HTML 3Page - ETAL Group P3190TR Datasheet HTML 4Page - ETAL Group P3190TR Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P3190
ETALDOC 725/12
Page 2 of 5
October 2007
SPECIFICATIONS
Electrical
At T = 25°C unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Voltage
isolation
(1)
50Hz
DC
3.88
5.5
-
-
-
-
kVrms
kV
Input impedance
(4)
300Hz - 3.4kHz, 1Vrms,
circuit as Fig.2.
10
-
-
k
Ω
Operating range:
Functional
Storage
(3)
Humidity
Ambient temperature
-25
–40
-
-
-
-
+85
+125
95
°C
°C
%R.H.
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(2)
Sum of windings
882
-
1055
Ω
Leakage
inductance
ΔL
18
-
22
mH
Shunt
inductance Lp
200Hz 10mV
6.5
-
16
H
Shunt loss Rp
200Hz 10mV
22
-
66
k
Ω
Notes
1. Components are 100% tested at 6.5 kVDC.
2. Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold circuit.
3. Excludes shipping materials.
Components
are dry-packed and sealed as shipped.
Handle in accordance with IPC/JEDEC
J-STD-033
procedure
for
components
classified as IPC/JEDEC J-STD-020 Moisture
Sensitivity Level 5a.
4. For
applications
requiring
higher
input
impedance (e.g. ≥40kΩ), see application
circuits below.
Equivalent Circuit
Fig. 1
IDEAL
1:1
½ L
½ L
½ R
½ R


Similar Part No. - P3190TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P319 ETC2-P319 Datasheet
146Kb / 1P
   SSMP MALE PCB EDGE MOUNT TO STRAIGHT TERMINATION
logo
ETAL Group
P3191 ETAL-P3191 Datasheet
94Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3191TR ETAL-P3191TR Datasheet
94Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
More results

Similar Description - P3190TR

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2769 ETAL-P2769 Datasheet
143Kb / 5P
   MICROPROFILE PICK-OFF TRANSFORMER
P1727 ETAL-P1727 Datasheet
107Kb / 4P
   PICK-OFF TRANSFORMER
P3127 ETAL-P3127 Datasheet
143Kb / 4P
   PICK-OFF TRANSFORMER
P2152 ETAL-P2152 Datasheet
159Kb / 4P
   PICK-OFF TRANSFORMER
P2781 ETAL-P2781 Datasheet
111Kb / 6P
   MICROPROFILE LINE MATCHING TRANSFORMER
P3081 ETAL-P3081 Datasheet
144Kb / 4P
   MICROPROFILE LINE MATCHING TRANSFORMER
P2782 ETAL-P2782 Datasheet
113Kb / 6P
   MICROPROFILE LINE MATCHING TRANSFORMER
100SMD ETAL-100SMD Datasheet
145Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3191 ETAL-P3191 Datasheet
94Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3188 ETAL-P3188 Datasheet
103Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com