Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ALS867A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74ALS867A
Description  SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS867A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALS867A Datasheet HTML 5Page - Texas Instruments SN74ALS867A Datasheet HTML 6Page - Texas Instruments SN74ALS867A Datasheet HTML 7Page - Texas Instruments SN74ALS867A Datasheet HTML 8Page - Texas Instruments SN74ALS867A Datasheet HTML 9Page - Texas Instruments SN74ALS867A Datasheet HTML 10Page - Texas Instruments SN74ALS867A Datasheet HTML 11Page - Texas Instruments SN74ALS867A Datasheet HTML 12Page - Texas Instruments SN74ALS867A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SN54AS867, SN54AS869
SN74ALS867A, SN74ALS869, SN74AS867, SN74AS869
SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SDAS115C – DECEMBER 1982 – REVISED JANUARY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN74ALS867A
MIN
MAX
fmax
35
MHz
tPLH
CLK
RCO
4
14
ns
tPHL
CLK
RCO
4
14
ns
tPLH
CLK
Any Q
3
16
ns
tPHL
CLK
Any Q
3
16
ns
tPLH
ENT
RCO
3
14
ns
tPHL
ENT
RCO
2
9
ns
tPHL
S0 or S1 (clear mode)
Any Q
8
26
ns
tPLH
S0 or S1
RCO
4
16
ns
tPHL
(count up/down)
RCO
4
16
ns
tPLH
S0 or S1 (clear mode)
RCO
4
16
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn