Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1323P1BTR Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLF1323P1BTR
Description  OC-3 IR-1/STM S-1.1 RoHS Compliant Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1323P1BTR Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLF1323P1BTR Datasheet HTML 1Page - Finisar Corporation. FTLF1323P1BTR Datasheet HTML 2Page - Finisar Corporation. FTLF1323P1BTR Datasheet HTML 3Page - Finisar Corporation. FTLF1323P1BTR Datasheet HTML 4Page - Finisar Corporation. FTLF1323P1BTR Datasheet HTML 5Page - Finisar Corporation. FTLF1323P1BTR Datasheet HTML 6Page - Finisar Corporation. FTLF1323P1BTR Datasheet HTML 7Page - Finisar Corporation. FTLF1323P1BTR Datasheet HTML 8Page - Finisar Corporation. FTLF1323P1BTR Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FTLF1323P1xTR Pluggable SFP Product Specification - December 2005
F i n i s a r
 Finisar Corporation December 2, 2005 Rev.A
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
125
155
Mb/sec 1
Bit Error Rate
BER
10-12
2
Max. Supported Link Length on
9/125
µm SMF @ OC-3
LMAX5
15
km
4
Notes:
1. Compliant with SONET and SDH at the following rates: OC-3 IR-1/STM S-1.1 and
OC-3 SR/STM I-1.
2. Tested with a PRBS 223-1 test pattern.
3. Attenuation of 0.55 dB/km is used for the link length calculations (per GR-253 CORE). Distances are
indicative only. Please refer to the Optical Specifications in Table IV to calculate a more accurate link
budget based on specific conditions in your application.
VI.
Environmental Specifications
Finisar 1310nm SFP transceivers have an industrial operating temperature range from
–40°C to +85°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-40
85
°C
Storage Temperature
Tsto
-40
100
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.


Similar Part No. - FTLF1323P1BTR

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1323P1BTL FINISAR-FTLF1323P1BTL Datasheet
647Kb / 11P
   OC-3 LR-1/STM L-1.1 RoHS Compliant Pluggable SFP Transceiver
More results

Similar Description - FTLF1323P1BTR

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1323P1XTR FINISAR-FTLF1323P1XTR Datasheet
674Kb / 11P
   OC-3 IR-1/STM S-1.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1323P1TL FINISAR-FTLF1323P1TL Datasheet
681Kb / 11P
   OC-3 LR-1/STM L-1.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1323P1WTL FINISAR-FTLF1323P1WTL Datasheet
647Kb / 11P
   OC-3 LR-1/STM L-1.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1WTL FINISAR-FTLF1421P1WTL Datasheet
722Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1322P1TR FINISAR-FTLF1322P1TR Datasheet
687Kb / 11P
   OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1CL FINISAR-FTLF1421P1CL Datasheet
740Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1WCL FINISAR-FTLF1421P1WCL Datasheet
700Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1TL FINISAR-FTLF1421P1TL Datasheet
757Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1322P1WTR FINISAR-FTLF1322P1WTR Datasheet
648Kb / 11P
   OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1521P1WCL FINISAR-FTLF1521P1WCL Datasheet
654Kb / 11P
   OC-48 IR-2/STM S-16.2 RoHS Compliant Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com