Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM312321 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # EM312321
Description  Euro-Mag Terminal Blocks 3.50 Centers Modular
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

EM312321 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  EM312321 Datasheet HTML 1Page - Cooper Bussmann, Inc. EM312321 Datasheet HTML 2Page - Cooper Bussmann, Inc. EM312321 Datasheet HTML 3Page - Cooper Bussmann, Inc. EM312321 Datasheet HTML 4Page - Cooper Bussmann, Inc. EM312321 Datasheet HTML 5Page - Cooper Bussmann, Inc. EM312321 Datasheet HTML 6Page - Cooper Bussmann, Inc. EM312321 Datasheet HTML 7Page - Cooper Bussmann, Inc. EM312321 Datasheet HTML 8Page - Cooper Bussmann, Inc. EM312321 Datasheet HTML 9Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
42
®
MAGNUM
"L"
.15
(3.7)
.33
(8.4)
.16
(4.0)
.16
(4.0)
.50
(12.8)
.31
(7.8)
.047
(1.20)
.13
(3.43)
.197
(5.00)
.028
(.70)
To convert to inches, divide by 25.4
Also available in 10.00 mm (EM2661XX).
EM2665 Series
Euro-Mag Terminal Blocks
5.00 Centers
SPECIFICATIONS
Rating: 10A, 300V
Center Spacing: .197” (5.00 mm)
Consult factory for .394” (10.00 mm)
Wire Range: #14-22 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Brass Tin Plated
Screw Size: M3x5 Zinc Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 7 in-lb.
Recommended PCB Hole Diameters: .055” (1.40)
Construction: Mold to Length
Connector Style: Spring Clamp
Agency Information: UL/CSA; CE Certified
Position
02
03
04
05
06
07
08
09
10
11
12
13
L (mm)
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
55.00
60.00
65.00
Position
14
15
16
17
18
19
20
21
22
23
24
L (mm)
70.00
75.00
80.00
85.00
90.00
95.00
100.00
105.00
110.00
115.00
120.00
Part Numbering System
Series
# of Positions
02 to 24
E M 2665
TABLE A
EM266512


Similar Part No. - EM312321

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM312321 EATON-EM312321 Datasheet
834Kb / 1P
   EuroMag Series PCB Mount Terminal Blocks
More results

Similar Description - EM312321

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EM2742 COOPER-EM2742 Datasheet
392Kb / 9P
   Euro-Mag Terminal Blocks Screwless 2.54 Centers
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Eaton All Rights Reserv...
EM2665 EATON-EM2665 Datasheet
1Mb / 1P
   EuroMag Terminal Blocks 5.00 Centers
EM2795 EATON-EM2795 Datasheet
927Kb / 1P
   EuroMag Terminal Blocks Screwless; 5.08 Centers
EM2742 EATON-EM2742 Datasheet
681Kb / 1P
   EuroMag Terminal Blocks Screwless; 2.54 Centers
EM2919 EATON-EM2919 Datasheet
984Kb / 1P
   9.52 Centers; Modular
EM3660 EATON-EM3660 Datasheet
848Kb / 1P
   5.00 Centers; Modular
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
   5.00 Centers; Modular
logo
Adam Technologies, Inc.
EB119-XX-M ADAM-TECH-EB119-XX-M Datasheet
74Kb / 1P
   MODULAR EURO BLOCK
logo
Eaton All Rights Reserv...
EM9126 EATON-EM9126 Datasheet
968Kb / 1P
   6.35 Centers; Modular
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com