Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

824RSB302K4R Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 824RSB302K4R
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

824RSB302K4R Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  824RSB302K4R Datasheet HTML 1Page - Illinois Capacitor, Inc. 824RSB302K4R Datasheet HTML 2Page - Illinois Capacitor, Inc. 824RSB302K4R Datasheet HTML 3Page - Illinois Capacitor, Inc. 824RSB302K4R Datasheet HTML 4Page - Illinois Capacitor, Inc. 824RSB302K4R Datasheet HTML 5Page - Illinois Capacitor, Inc. 824RSB302K4R Datasheet HTML 6Page - Illinois Capacitor, Inc. 824RSB302K4R Datasheet HTML 7Page - Illinois Capacitor, Inc. 824RSB302K4R Datasheet HTML 8Page - Illinois Capacitor, Inc. 824RSB302K4R Datasheet HTML 9Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
185
®
PSB/RSB
Radial Leaded
Polypropylene Film
Capacitors with Double
Sided Metallized Electrodes
PHYSICAL DIMENSIONS
LxHxT (mm)
Convert to inches divide by 25.4
700
850
1000
1200
1500
2000
2500
3000
(420)
(500)
(575)
(630)
(650)
(700)
(725)
(750)
0.033
32x33x18
0.047
-
32x33x18
0.068
32x37x22
0.1
32x33x18
42.5x37x28
0.15
32x33x18
42.5x37x28
0.22
32x33x18
32x37x22
42.5x37x28
42.5x45x30
0.33
32x33x18
32x37x22
42.5x37x28
42.5x45x30
42.5x45x30
57.5x45x30
0.39
-------------
-------------
-------------
-------------
-------------
------------>
42.5x45x30
0.47
32x33x18
32x33x18
32x37x22
42.5x37x28
42.5x37x28
57.5x45x30
57.5x45x30
57.5x50x35
0.56
-------------
-------------
-------------
-------------
------------>
42.5x45x30
57.5x45x30
0.68
32x33x18
32x37x22
42.5x37x28
42.5x37x28
42.5x37x28
57.5x30x35
57.5x50x35
32x37x22
57.5x45x30
42.5x37x28
0.82
57.5x45x30
1
32x37x22
42.5x37x28
42.5x30x22
42.5x37x28
42.5x45x30
42.5x45x30
42.5x37x28
57.5x50x35
1.2
-----
42.5x37x28
57.5x45x30
57.5x45x30
42.5x45x30
57.5x50x35
1.5
42.5x37x28
42.5x37x28
42.5x45x30
57.5x50x35
57.5x50x35
42.5x45x30
1.8
--
57.5x50x35
2
42.5x37x28
42.5x45x30
42.5x45x30
57.5x45x30
57.5x45x30
2.2
42.5x37x28
42.5x45x30
42.5x45x30
57.5x45x30
57.5x45x30
57.5x50x35
2.5
57.5x45x30
57.5x45x30
57.5x50x35
3
42.5x45x30
57.5x45x30
57.5x45x30
57.5x50x35
3.3
42.5x45x30
57.5x45x30
57.5x45x30
57.5x50x35
57.5x50x35
4
57.5x45x30
57.5x50x35
57.5x50x35
4.7
57.5x50x35
57.5x50x35
5
57.5x50x35
5.6
57.5x50x35
WVDC
(VAC)
(µF)
4 Leaded Capacitors


Similar Part No. - 824RSB302K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
824RSB302K4R ILLINOISCAPACITOR-824RSB302K4R Datasheet
433Kb / 11P
   Power semiconductor module protection - High pulse and rms current ??Multiple Leads
More results

Similar Description - 824RSB302K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com