Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

606PHB250K6R Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 606PHB250K6R
Description  Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

606PHB250K6R Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

  606PHB250K6R Datasheet HTML 1Page - Illinois Capacitor, Inc. 606PHB250K6R Datasheet HTML 2Page - Illinois Capacitor, Inc. 606PHB250K6R Datasheet HTML 3Page - Illinois Capacitor, Inc. 606PHB250K6R Datasheet HTML 4Page - Illinois Capacitor, Inc. 606PHB250K6R Datasheet HTML 5Page - Illinois Capacitor, Inc. 606PHB250K6R Datasheet HTML 6Page - Illinois Capacitor, Inc. 606PHB250K6R Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
202
®
PHYSICAL DIMENSIONS
PHB
+85°C Metallized
Polypropylene Capacitor
6 Lead Construction
5.5±1.5
P±0.5
P±0.5
L
T
H
S±0.5
d
250
(160)
µF
Convert to inches, divide by 25.4
LxHxT
6 Lead Construction
P
LxHxT
P
LxHxT
P
LxHxT
P
LxHxT
P
LxHxT
P
mm
WVDC
(VAC)
3
42.5x45x30
10.2
3.3
42.5x45x30
10.2
4
57.5x45x30
10.2
4.7
57.5x45x30
10.2
5.6
57.5x50x30
10.2
6
57.5x50x30
10.2
8
57.5x50x35
10.2
9
42.5x45x30
10.2 57.5x50x35
10.2
10
42.5x37x28
10.2
15
42.5x30x15
10.2
57.5x50x35 10.2
20
42.5x37x28
5.1
57.5x45x30 10.2
22
42.5x37x28
5.1
57.5x50x35 10.2
25
42.5x37x28
10.2
57.5x50x35 10.2
30
42.5x45x30
10.2
57.5x45x30
10.2
57.5x45x30
10.2
33
42.5x45x30
10.2
57.5x50x35
10.2
57.5x50x35
10.2
35
57.5x50x35
10.2
57.5x50x35
10.2
40
57.5x45x35
10.2
57.5x50x35
10.2
57.5x50x35
10.2
50
57.5x50x35
10.2
60
57.5x50x35
10.2
3
850 305PHB850K6J
200
25.5
1.8
42.5x45x30
3.3
850 335PHB850K6J
200
27
1.7
42.5x45x30
4
850 405PHB850K6R
110
26
2.5
57.5x45x30
4.7
850 475PHB850K6R
110
27.5
2.1
57.5x45x30
5.6
850 565PHB850K6R
110
31.5
1.9
57.5x50x30
6
850 605PHB850K6R
110
31
1.8
57.5x50x30
8
700 805PHB700K6R
40
24
3.5
57.5x50x35
9
600 905PHB600K6J
55
27
2
42.5x45x30
9
700 905PHB700K6R
40
25
3.2
57.5x50x35
10
400 106PHB400K6J
40
24
1.9
42.5x37x28
15
400 156PHB400K6J
40
28
1.7
42.5x30x15
15
600 156PHB600K6R
30
25.5
3.1
57.5x50x35
20
250 206PHB250K6J
25
25
1.8
42.5x37x28
20
400 206PHB400K6R
20
25
2.9
57.5x45x30
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(V/µs)
L x H x T
(mm)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(V/µs)
L x H x T
(mm)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
6 Lead Construction
22
250 226PHB250K6J
25
25
1.8
42.5x37x28
22
400 226PHB400K6R
20
27
2.8
57.5x50x35
25
250 256PHB250K6J
25
26
1.8
42.5x37x28
25
400 256PHB400K6R
20
28
2.6
57.5x50x35
30
250 306PHB250K6J
25
28
1.7
42.5x45x30
30
330 306PHB330K6R
17
25
2.9
57.5x45x30
33
250 336PHB250K6J
25
28.5
1.7
42.5x45x30
33
330 336PHB330K6R
17
28.5
2.7
57.5x50x35
35
330 356PHB330K6R
17
30
2.6
57.5x50x35
40
250 406PHB250K6R
15
27.5
2.4
57.5x45x35
40
330 406PHB330K6R
17
32
2.4
57.5x50x35
50
250 506PHB250K6R
15
31
2.1
57.5x50x35
60
250 606PHB250K6R
15
32
1.9
57.5x50x35
L
S
d
42.5
37.5
1.2
57.5
52.5
1.2
700
(400)
850
(450)
600
(330)
400
(250)
330
(200)


Similar Part No. - 606PHB250K6R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
606PHB250K2R ILLINOISCAPACITOR-606PHB250K2R Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
606PHB250K4R ILLINOISCAPACITOR-606PHB250K4R Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
More results

Similar Description - 606PHB250K6R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com