Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM274203 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # EM274203
Description  Euro-Mag Terminal Blocks Screwless 2.54 Centers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

EM274203 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  EM274203 Datasheet HTML 1Page - Cooper Bussmann, Inc. EM274203 Datasheet HTML 2Page - Cooper Bussmann, Inc. EM274203 Datasheet HTML 3Page - Cooper Bussmann, Inc. EM274203 Datasheet HTML 4Page - Cooper Bussmann, Inc. EM274203 Datasheet HTML 5Page - Cooper Bussmann, Inc. EM274203 Datasheet HTML 6Page - Cooper Bussmann, Inc. EM274203 Datasheet HTML 7Page - Cooper Bussmann, Inc. EM274203 Datasheet HTML 8Page - Cooper Bussmann, Inc. EM274203 Datasheet HTML 9Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.54
(0.100")
(fl0.04")
5.08
(0.200")
2.54
(0.100")
0.5
(0.020")
0.8
(0.032")
fl1.5
(fl0.059")
fl1.2
L
2.54
(0.100")
10
(0.394")
2.6
(0.102")
5.8
(0.200")
2.54
(0.100")
0.5
(0.020")
0.8
(0.03")
2.54
(0.100")
fl1.5
(fl0.06")
fl1.2
(fl0.047")
L
EM2742 Series
Euro-Mag Terminal Blocks
Screwless; 2.54 Centers
SPECIFICATIONS
Rating: 6A, 63V
Center Spacing: .100” (25.4)
Wire Range: #20-26 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Tin Plated Brass
Spring Material: Stainless Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Recommended PCB Hole Diameters: .051" (1.30)
Construction: Mold to Length
Agency Information: UL/CSA; CE Certified
Part Numbering System
Series
# of Poles
Orientation
s
s
s
s
02 to 16
H - horizontal
V - vertical
EM 2 7 4 2
Poles
2
3
4
5
6
7
8
9
L (mm)
8.08
10.62
13.16
15.70
18.24
33.48
30.94
28.40
Poles
10
11
12
13
14
15
16
L (mm)
30.94
33.48
36.02
38.56
41.10
43.64
46.18
To convert to inches, divide by 25.4
TABLE A
EM274210H
EM274206V
VERTICAL
HORIZONTAL
77


Similar Part No. - EM274203

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM274203H EATON-EM274203H Datasheet
681Kb / 1P
   EuroMag Terminal Blocks Screwless; 2.54 Centers
EM274203V EATON-EM274203V Datasheet
681Kb / 1P
   EuroMag Terminal Blocks Screwless; 2.54 Centers
More results

Similar Description - EM274203

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2742 EATON-EM2742 Datasheet
681Kb / 1P
   EuroMag Terminal Blocks Screwless; 2.54 Centers
logo
Cooper Bussmann, Inc.
EM3123 COOPER-EM3123 Datasheet
231Kb / 9P
   Euro-Mag Terminal Blocks 3.50 Centers Modular
logo
Eaton All Rights Reserv...
EM2795 EATON-EM2795 Datasheet
927Kb / 1P
   EuroMag Terminal Blocks Screwless; 5.08 Centers
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
CamdenBoss Ltd.
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
   3.81mm screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
   5mm screwless terminal blocks
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
   2.54mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
   7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
   7.62mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
   2.54mm screwless terminal blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com