Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL-1619-51 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTL-1619-51
Description  CWDM GBIC Transceiver with APD Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL-1619-51 Datasheet(HTML) 2 Page - Finisar Corporation.

  FTL-1619-51 Datasheet HTML 1Page - Finisar Corporation. FTL-1619-51 Datasheet HTML 2Page - Finisar Corporation. FTL-1619-51 Datasheet HTML 3Page - Finisar Corporation. FTL-1619-51 Datasheet HTML 4Page - Finisar Corporation. FTL-1619-51 Datasheet HTML 5Page - Finisar Corporation. FTL-1619-51 Datasheet HTML 6Page - Finisar Corporation. FTL-1619-51 Datasheet HTML 7Page - Finisar Corporation. FTL-1619-51 Datasheet HTML 8Page - Finisar Corporation. FTL-1619-51 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FTL-1619-XX WDM GBIC
Product Specification February 2007
F i n i s a r
© Finisar Corporation February 2007 – Rev. B
Page 2
I.
Pin Out
Table 1. GBIC to host connector pin assignment
“Sequence” indicates the order in which pins make contact when the device is hot
plugged. See “Table 3: Signal Definitions” in the GBIC Specification Revision 5.5
3
for a description of the function of each pin listed above.
Pin Name
Pin #
Sequence
RX_LOS
1
2
GND
2
2
GND
3
2
MOD_DEF(0)
4
2
MOD_DEF(1)
5
2
MOD_DEF(2)
6
2
TX_DISABLE
7
2
GND
8
2
GND
9
2
TX_FAULT
10
2
GND
11
1
-RX_DAT
12
1
+RX_DAT
13
1
GND
14
1
VCC
15
2
VCC
16
2
GND
17
1
+TX_DAT
18
1
-TX_DAT
19
1
GND
20
1


Similar Part No. - FTL-1619-51

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-161949 FINISAR-FTL-161949 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-161951 FINISAR-FTL-161951 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-161953 FINISAR-FTL-161953 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-161955 FINISAR-FTL-161955 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
More results

Similar Description - FTL-1619-51

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621T-47 FINISAR-FTR-1621T-47 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FWDM-1619-7D-47 FINISAR-FWDM-1619-7D-47 Datasheet
417Kb / 10P
   WDM SFP Transceiver with APD Receiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com