Electronic Components Datasheet Search |
|
FTL-1619-47 Datasheet(PDF) 1 Page - Finisar Corporation. |
|
FTL-1619-47 Datasheet(HTML) 1 Page - Finisar Corporation. |
1 / 9 page F i n i s a r © Finisar Corporation February 2007 – Rev. B Page 1 Product Specification CWDM GBIC Transceiver with APD Receiver FTL-1619-XX PRODUCT FEATURES • Up to 1.25 Gb/s bi-directional data links • RoHS compliant and Lead Free • Standard GBIC footprint • Uncooled CWDM-rated DFB laser transmitter • Class 1 laser safety • Very low jitter • Metal enclosure for lower EMI • Extended voltage range • Low power dissipation • Extended operating temperature range: 0°C to 70°C APPLICATIONS • Metro Access Rings and Point- to-Point for Gigabit Ethernet Networks and Fibre Channel SANs Finisar’s FTL-1619-xx CWDM GBIC transceivers are designed for operation in Metro Access Rings and Point-to-Point networks using Gigabit Ethernet 1 and Fibre Channel2 networking equipment. The FTL-1619-xx is also designed to comply to GBIC Specification Revision 5.5 3*. The transceiver is available in eight different CWDM wavelengths; and is RoHS compliant and lead-free per Directive 2002/95/EC 4 and Finisar Application Note AN-2038 5. Digital diagnostics functions are available via an I2C serial bus. PRODUCT SELECTION Wavelength XX Color Code Dot Wavelength XX Color Code Dot 1470 nm 47 Gray 1550 nm 55 Yellow 1490 nm 49 Violet 1570 nm 57 Orange 1510 nm 51 Blue 1590 nm 59 Red 1530 nm 53 Green 1610 nm 61 Brown |
Similar Part No. - FTL-1619-47 |
|
Similar Description - FTL-1619-47 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |