Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUC101346 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # RUC101346
Description  Plug-in power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RUC101346 Datasheet(HTML) 1 Page - ZETTLER Electronics

  RUC101346 Datasheet HTML 1Page - ZETTLER Electronics RUC101346 Datasheet HTML 2Page - ZETTLER Electronics RUC101346 Datasheet HTML 3Page - ZETTLER Electronics RUC101346 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RUC
Plug-in power relays
2C/O, 3C/O, 2NO, 3NO
AgCdO
400 V / 400 V
10 V
16A/250VACor10A/380VAC
16A/24VDC
10 mA
40 A
16 A
4 000 VA
0,5 W
100m
at1A,24V
1 200 cycles/hour
12 000 cycles/hour
1,5 W DC
C400
400VAC
2500VAC
1 500 V AC (2 500 V AC contact-contact
2500VAC
6mm
8mm
12msAC,12msDC
10 ms
10
at 16 A, 250 V AC
see Fig. 2
10
38,6 x 36,1 x 45,5 mm
85 g
-40...+85
-40...+70 °C
-40...+55 °C (for 16 A on contact)
IP 40
10 g
5 g
for 10...150 Hz
max. 270
max. 5 s
B, UL, CSA, GOST
£W
³
³
5
7
Contacts
Coil
Insulation
General data
on
6...220 V DC
6...380 V AC 50 Hz, 50/60 Hz
0,1 U DC;
0,15 U AC
see Tables 1, 2, 3
2,8VAAC50Hz;2,5VAAC60Hz
3 mm)
AC,7msDC
°C
(for 10 A on contact)
°C
³³
³
³
³
nn
• General purpose relays
• High inrush current
• Plug-in, solder, PCB, connector mounting
• Covers with mounting flange available
Contact number
arrangement
Contact material
Min. switching voltage
Rated load
AC1
DC1
Min.
current
Max.
Rated current
Max. breaking capacity
Resistance
• at rated load
•noload
Rated voltage
Must release voltage
Operating range of supply voltage
Rated power consumption
Insulation category
Insulation rated voltage
Dielectric strength:
• coil-contact
• contact-contact
• pole-pole
• clearance
• creepage
Operating time (typical value)
Release time
• resistive
• cos
Mechanical life (cycles)
Dimensions (L x W x H)
Weight
• storing
Cover protection category
Shock resistance
Vibration resistance
Solder bath temperature
Soldering time
Approvals
Contacts
Coil
Insulation
General data
&
Voltage
Current
Max. operating frequency
Voltage
Voltage
Contact-coil distance
Electrical life
Ambient temperature
j
Max. switching voltage AC/DC
switching
inrush current
Min. breaking capacity
(typical value)
• operating


Similar Part No. - RUC101346

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
RUC ZETTLER-RUC Datasheet
699Kb / 6P
   Power relays of general application
logo
Relpol S.A.
RUC-1012-25-1006-K RELPOL-RUC-1012-25-1006-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
RUC-1012-25-1012-K RELPOL-RUC-1012-25-1012-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
RUC-1012-25-1024-K RELPOL-RUC-1012-25-1024-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
RUC-1012-25-1042-K RELPOL-RUC-1012-25-1042-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
More results

Similar Description - RUC101346

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
   Plug-in power relays
R15101223 ZETTLER-R15101223 Datasheet
505Kb / 5P
   Plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
   Plug-In Relays Mini 280 Relays
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
Allen-Bradley
700-HR ALLEN-BRADLEY-700-HR Datasheet
1Mb / 14P
   Plug-in Timing Relays
logo
Tyco Electronics
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com