Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AS194J Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54AS194J
Description  SN54AS181B SN74AS181A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS194J Datasheet(HTML) 4 Page - Texas Instruments

  SN54AS194J Datasheet HTML 1Page - Texas Instruments SN54AS194J Datasheet HTML 2Page - Texas Instruments SN54AS194J Datasheet HTML 3Page - Texas Instruments SN54AS194J Datasheet HTML 4Page - Texas Instruments SN54AS194J Datasheet HTML 5Page - Texas Instruments SN54AS194J Datasheet HTML 6Page - Texas Instruments SN54AS194J Datasheet HTML 7Page - Texas Instruments SN54AS194J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN54AS194, SN74AS194
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SDAS212A – DECEMBER 1983 – REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Shift Left
Clear
Inhibit
Shift Right
Clear Load
L
H
L
H
Mode-
Control
Inputs
Serial
Data
Inputs
Parallel
Data
Inputs
Outputs
CLK
S0
S1
CLR
R
L
A
B
C
D
QA
QB
QC
QD
Figure 1. Typical Clear, Load, Right-Shift, and Clear Sequences
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54AS194
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS194
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - SN54AS194J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS194 TI1-SN54AS194 Datasheet
537Kb / 17P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN54AS194 TI1-SN54AS194_14 Datasheet
537Kb / 17P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com