Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477SML004M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 477SML004M
Description   85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477SML004M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  477SML004M Datasheet HTML 1Page - Illinois Capacitor, Inc. 477SML004M Datasheet HTML 2Page - Illinois Capacitor, Inc. 477SML004M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
13
®
Shelf Life
-25°C/20°C
-40°C/20°C
Impedance Ratio at Low
Temperature (120Hz)
Capacitance change
Dissipation factor
Leakage current
I Wide Capacitance Range (.1 to 1,000 µF)
I Standard Case Sizes
I Solvent Proof
I Operating Voltage Range: 4WVDC to
100 WVDC
FEATURES
SML
+ 85°C General Purpose
Surface Mount Chip Aluminum
Electrolytic Capacitors
Operating Temperature Range
2,000 hours at 85°C with rated voltage
≤ 25% of initial measured values
≤ 200% initial specified value
≤100% Initial specified value
SPECIFICATIONS
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage current
1000 hours at 85°C with no applied voltage.
L.C.
2 minutes
85
220
6v
4
.35
6.3
.28
10
.24
16
.20
25
.14
35
.14
50
.12
63
.12
100
.10
-40°C to +85°C
Time
.01 CV or 3µA, whichever is greater
7
15
4
8
3
6
2
4
2
4
2
4
2
3
2
3
2
3
Load Life
Resistance to
Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminals facing
downward will fulfill the following conditions after being cooled to room temperature.
Capacitance change
Dissipation factor
Leakage current
≤ 10% of the initial measured value
≤ The initial specified value
≤ The Initial specified value
Ripple Current
Multipliers
50
.8
120
1.0
400
1.0
1K
1.1
10K
1.3
100K
1.5
85°C
1.0
70°C
1.35
65°C
1.35
Frequency (Hz)
Temperature
Dissipation Factor
120Hz, 20°C (Max) tan
δ


Similar Part No. - 477SML004M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477SML004M ILLINOISCAPACITOR-477SML004M Datasheet
245Kb / 3P
   Standard 2000 hrs
477SML004M ILLINOISCAPACITOR-477SML004M Datasheet
239Kb / 3P
   Small size ??Low cost
477SML004M ILLINOISCAPACITOR-477SML004M Datasheet
306Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 477SML004M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com