Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476TMA250M Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 476TMA250M
Description  105째C Standard Axial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476TMA250M Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  476TMA250M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476TMA250M Datasheet HTML 2Page - Illinois Capacitor, Inc. 476TMA250M Datasheet HTML 3Page - Illinois Capacitor, Inc. 476TMA250M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
104
®
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+25°C
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
Dimension
D x L
(mm)
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+25°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
Dimension
D x L
(mm)
Capacitance
(µF)
TMA
+ 105°C Standard Axial
Lead Aluminum
Electrolytic Capacitors
STANDARD PARTS LISTING
220
160
227TMA160M
1.51
520
22x40
220
200
227TMA200M
1.51
520
22x40
220
250
227TMA250M
1.51
550
22x50
330
16
337TMA016M
1
250
8x16
330
25
337TMA025M
0.8
305
8x20
330
35
337TMA035M
0.7
365
10x20
330
50
337TMA050M
0.6
435
10x25
330
63
337TMA063M
0.5
520
12.5x25
330
100
337TMA100M
0.45
600
16x30
470
10
477TMA010M
0.85
270
8x16
470
16
477TMA016M
0.71
325
8x20
470
25
477TMA025M
0.56
410
10x20
470
35
477TMA035M
0.49
480
10x25
470
50
477TMA050M
0.42
565
12.5x25
470
63
477TMA063M
0.35
670
12.5x30
470
100
477TMA100M
0.32
870
16x40
1000
10
108TMA010M
0.4
485
10x20
1000
16
108TMA016M
0.33
585
10x25
1000
25
108TMA025M
0.27
715
12.5x25
1000
35
108TMA035M
0.23
830
12.5x30
1000
50
108TMA050M
0.2
905
16x30
1000
63
108TMA063M
0.17
1070
16x30
1000
100
108TMA100M
0.15
1360
22x40
2200
10
228TMA010M
0.21
835
12.5x25
2200
16
228TMA016M
0.18
980
12.5x30
2200
25
228TMA025M
0.15
1100
16x30
2200
35
228TMA035M
0.14
1250
16x30
2200
50
228TMA050M
0.12
1500
18x40
2200
63
228TMA063M
0.11
1740
22x40
3300
6.3
338TMA6R3M
0.17
920
12.5x25
3300
10
338TMA010M
0.15
1070
12.5x30
3300
16
338TMA016M
0.13
1160
16x30
3300
25
338TMA025M
0.11
1370
16x30
3300
35
338TMA035M
0.1
1640
16x40
3300
50
338TMA 050M
0.09
1850
22x40
3300
63
338TMA063M
0.08
2180
22x50
4700
6.3
478TMA6R3M
0.13
1160
12.5x30
4700
10
478TMA010M
0.11
1240
16x30
4700
16
478TMA016M
0.1
1440
16x30
4700
25
478TMA025M
0.08
1750
18x40
4700
35
478TMA035M
0.08
1970
22x40
4700
50
478TMA050M
0.07
2290
22x50
6800
10
688TMA010M
0.09
1560
16x30
6800
16
688TMA016M
0.08
1820
16x40
6800
25
688TMA025M
0.07
2080
22x40
6800
35
688TMA035M
0.06
2390
22x50
10000
6.3
109TMA6R3M
0.08
1790
16x40
10000
10
109TMA010M
0.07
1850
18x40
10000
16
109TMA016M
0.06
2090
22x40
10000
25
109TMA025M
0.06
2430
22x50
15000
6.3
159TMA6R3M
0.06
1960
18x40
15000
10
159TMA010M
0.06
2180
22x40
15000
16
159TMA016M
0.05
2510
22x50
22000
6.3
229TMA6R3M
0.05
2280
22x40
22000
10
229TMA010M
0.05
2590
22x50


Similar Part No. - 476TMA250M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476TMA250M ILLINOISCAPACITOR-476TMA250M Datasheet
356Kb / 3P
   105C General Purpose Axial Lead Aluminum
476TMA250M ILLINOISCAPACITOR-476TMA250M Datasheet
267Kb / 3P
   Extended Life, 2000 hours
476TMA250M ILLINOISCAPACITOR-476TMA250M Datasheet
261Kb / 3P
   Extended Life - High voltage
476TMA250M ILLINOISCAPACITOR-476TMA250M Datasheet
113Kb / 1P
   AXIAL LEAD
More results

Similar Description - 476TMA250M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com