Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF8524P2BNL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLF8524P2BNL
Description  4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8524P2BNL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLF8524P2BNL Datasheet HTML 1Page - Finisar Corporation. FTLF8524P2BNL Datasheet HTML 2Page - Finisar Corporation. FTLF8524P2BNL Datasheet HTML 3Page - Finisar Corporation. FTLF8524P2BNL Datasheet HTML 4Page - Finisar Corporation. FTLF8524P2BNL Datasheet HTML 5Page - Finisar Corporation. FTLF8524P2BNL Datasheet HTML 6Page - Finisar Corporation. FTLF8524P2BNL Datasheet HTML 7Page - Finisar Corporation. FTLF8524P2BNL Datasheet HTML 8Page - Finisar Corporation. FTLF8524P2BNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FTLF8524P2xNy Pluggable SFP Product Specification – March 2005
 Finisar Corporation March 14, 2005 Rev.I
Page 5
10. Measured with conformance signals defined in IEEE 802.3 specifications.
11. Rate Selectable version in low bandwidth mode.
12. Rate Selectable version in high bandwidth mode.
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
1.062,
1.25,
2.125,
4.25
Gb/sec 1
Bit Error Rate
BER
10-12
5
Fiber Length on 50/125
µm MMF
L
550
300
150
m
2
3
4
Fiber Length on 62.5/125
µm MMF
L
300
150
70
m
2
3
4
Notes:
1. 1x, 2x,4x Fibre Channel compatible, per FC-PI-2 Rev. 7.0. Rate selectable version is also Gigabit
Ethernet compatible per IEEE 802.3.
2. At 1.0625 Gb/s Fibre Channel data rate and, for rate selectable version, at 1.25 Gb/s Gigabit Ethernet
data rate.
3. At 2.125 Gb/s Fibre Channel data rate.
4. At 4.25 Gb/s Fibre Channel data rate
5. 4.25Gb/s with PRBS 27-1.
VI.
Environmental Specifications
Finisar 850nm SFP transceivers have an extended operating temperature range from
–20°C to +85°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-20
85
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.


Similar Part No. - FTLF8524P2BNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8524P2BNL FINISAR-FTLF8524P2BNL Datasheet
714Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
logo
ATGBICS by Approved Tec...
FTLF8524P2BNL-C ATGBICS-FTLF8524P2BNL-C Datasheet
378Kb / 10P
   FTLF8524P2BNL Finisar Compatible Transceiver SFP 4.25/2.125/1.063GBase-SR (850nm, MMF, 300m, DOM, Ext Temp)
FTLF8524P2BNL-MD-C ATGBICS-FTLF8524P2BNL-MD-C Datasheet
378Kb / 10P
   FTLF8524P2BNL-MD Finisar Compatible Transceiver SFP 4.25/2.125/1.063GBase-SR (850nm, MMF, 300m, DOM, Ext Temp)
More results

Similar Description - FTLF8524P2BNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8524P2NL FINISAR-FTLF8524P2NL Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2XNY FINISAR-FTLF8524P2XNY Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2NV FINISAR-FTLF8524P2NV Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2WNL_VO1 FINISAR-FTLF8524P2WNL_VO1 Datasheet
714Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524E2XNL FINISAR-FTLF8524E2XNL Datasheet
375Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WCL FINISAR-FTLF8519P2WCL Datasheet
794Kb / 10P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524E2XNV FINISAR-FTLF8524E2XNV Datasheet
245Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8524E2GNL FINISAR-FTLF8524E2GNL Datasheet
351Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8524P3BNL FINISAR-FTLF8524P3BNL Datasheet
649Kb / 11P
   3.7 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com