Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1621S1MCL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLF1621S1MCL
Description  OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1621S1MCL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLF1621S1MCL Datasheet HTML 1Page - Finisar Corporation. FTLF1621S1MCL Datasheet HTML 2Page - Finisar Corporation. FTLF1621S1MCL Datasheet HTML 3Page - Finisar Corporation. FTLF1621S1MCL Datasheet HTML 4Page - Finisar Corporation. FTLF1621S1MCL Datasheet HTML 5Page - Finisar Corporation. FTLF1621S1MCL Datasheet HTML 6Page - Finisar Corporation. FTLF1621S1MCL Datasheet HTML 7Page - Finisar Corporation. FTLF1621S1MCL Datasheet HTML 8Page - Finisar Corporation. FTLF1621S1MCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FTLF1621S1xCL 2x10 Pin SFF Product Specification – November 2005
F i n i s a r
© Finisar Corporation March 2006 Rev A
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Notes
Data Rate
BR
155
2667
Mb/s
1
Bit Error Rate
BER
10
-12
2
Max. Supported Link Length on
9/125
µm SMF @ OC-48
LMAX1
80
km
3
Max. Supported Link Length on
9/125
µm SMF @ 2X Fibre Channel
LMAX2
85
km
3
Max. Supported Link Length on
9/125
µm SMF @ Gigabit Ethernet
LMAX3
100
km
3
Max. Supported Link Length on
9/125
µm SMF @ OC-12
LMAX4
100
km
3
Max. Supported Link Length on
9/125
µm SMF @ OC-3
LMAX5
100
km
3
Notes:
1.
SONET OC-48 LR-2/SDH STM L-16.2 compliant. Compatible with Gigabit Ethernet, 1X/2X Fibre
Channel, SONET OC-12 and OC-3. Supports FEC at 2.67Gb/s.
2.
Tested with a PRBS 2
31-1 test pattern interspersed with 72 consecutive ones and 72 consecutive zeros
unless otherwise specified.
3.
Attenuation of 0.275 dB/km is used for the link length calculations (per GR-253 CORE). A 2dB
penalty is included for dispersion on >2Gb/s data rates. Distances are indicative only. Please refer to
the Optical Specifications in Table IV to calculate a more accurate link budget based on specific
conditions in your application.
VI.
Environmental Specifications
Parameter
Symbol
Min
Typ
Max
Units
Case Operating Temperature
Top
-10
70
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.


Similar Part No. - FTLF1621S1MCL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1621S1XCL FRONTIER-FTLF1621S1XCL Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
More results

Similar Description - FTLF1621S1MCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTRJ1621SGCL FINISAR-FTRJ1621SGCL Datasheet
497Kb / 10P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1621P1WCL FINISAR-FTRJ1621P1WCL Datasheet
674Kb / 11P
   OC-48 LR-2/STM L-16.2 Multirate Pluggable SFP Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
logo
Finisar Corporation.
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com