Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1165 Datasheet(PDF) 2 Page - ETAL Group

Part # P1165
Description  LOW PROFILE LINE MATCHING TRANSFORMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P1165 Datasheet(HTML) 2 Page - ETAL Group

  P1165 Datasheet HTML 1Page - ETAL Group P1165 Datasheet HTML 2Page - ETAL Group P1165 Datasheet HTML 3Page - ETAL Group P1165 Datasheet HTML 4Page - ETAL Group P1165 Datasheet HTML 5Page - ETAL Group P1165 Datasheet HTML 6Page - ETAL Group P1165 Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P1165
ETALDOC 78/22
Page 2 of 5
February 2006
SPECIFICATIONS
Electrical
At T = 25ºC and as circuit fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz, RL = 560Ω
-
-
1.5
dB
Frequency response
LF-3dB cutoff
HF-3dB cutoff
200Hz - 4kHz
-
-
-
30
15
-
-
-
±0.2
Hz
kHz
dB
Return Loss
200Hz - 4kHz
18
-
-
dB
Distortion
(1)
0dBm in line, 3
rd Harmonic
f = 600Hz
f = 450Hz
-
-
-76
-75
-72
-70
dBm
dBm
Balance
DC – 5kHz
Method TG25
80
-
-
dB
Saturation
Excitation 50Hz
250V rms.
Output voltage
across line
-
-
-
-
10
65
V rms
V peak
Voltage
isolation
(2)
50Hz
DC
3.88
5.5
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Humidity
Ambient temperature
-25
–40
-
-
-
-
+85
+125
95
ºC
ºC
%R.H.
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(3)
Sum of windings
108
-
132
Ω
Leakage inductance
ΔL
6.5
-
7.5
mH
Shunt inductance Lp
(4)
100mV 200Hz
100mV 1kHz
2.25
-
4
2.5
10
-
H
H
Shunt loss Rp
(4)
10mV 200Hz
10mV 1kHz
8
12
-
-
-
-
k
Ω
k
Ω
Notes
1.
Third
harmonic
typically
exceeds
other
harmonics by 20dB.
2.
Components are 100% tested at 6.5kV DC.
3.
Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold
circuit.
4.
At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
Equivalent Circuit
Fig . 1
IDEAL
1:1
LINE
EQUIPMENT
½ L
½ L
½ R
½ R


Similar Part No. - P1165

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P116-000-HDSC1 TRIPPLITE-P116-000-HDSC1 Datasheet
170Kb / 3P
   VGA with Audio to HDMI Converter with Scaler function
P116-003-HD-U TRIPPLITE-P116-003-HD-U Datasheet
171Kb / 3P
   VGA to HDMI Converter Adapter with Audio and USB Power, 1080p
P116-006-HDMI-A TRIPPLITE-P116-006-HDMI-A Datasheet
180Kb / 3P
   VGA Audio to HDMI Adapter Cable with USB Power, 1920 x 1080 (1080p) @ 60 Hz (M/M), 6 ft.
P116000HDMI TRIPPLITE-P116000HDMI Datasheet
530Kb / 2P
   VGA with Audio to HDMI Converter, Adapter for Stereo Audio and Video
logo
NIKO SEMICONDUCTOR CO.,...
P1160JD NIKOSEM-P1160JD Datasheet
309Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
REV 1.0
More results

Similar Description - P1165

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
9025 ETAL-9025 Datasheet
166Kb / 4P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3156 ETAL-P3156 Datasheet
122Kb / 4P
   ULTRA LOW DISTORTION LOW PROFILE LINE MATCHING TRANSFORMER
P5097 ETAL-P5097 Datasheet
108Kb / 4P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3356 ETAL-P3356 Datasheet
191Kb / 6P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3410 ETAL-P3410 Datasheet
167Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3357 ETAL-P3357 Datasheet
139Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P5059 ETAL-P5059 Datasheet
135Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P5273 ETAL-P5273 Datasheet
100Kb / 4P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3302 ETAL-P3302 Datasheet
168Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com