Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

474PSB302K2R Datasheet(PDF) 9 Page - Illinois Capacitor, Inc.

Part # 474PSB302K2R
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474PSB302K2R Datasheet(HTML) 9 Page - Illinois Capacitor, Inc.

  474PSB302K2R Datasheet HTML 1Page - Illinois Capacitor, Inc. 474PSB302K2R Datasheet HTML 2Page - Illinois Capacitor, Inc. 474PSB302K2R Datasheet HTML 3Page - Illinois Capacitor, Inc. 474PSB302K2R Datasheet HTML 4Page - Illinois Capacitor, Inc. 474PSB302K2R Datasheet HTML 5Page - Illinois Capacitor, Inc. 474PSB302K2R Datasheet HTML 6Page - Illinois Capacitor, Inc. 474PSB302K2R Datasheet HTML 7Page - Illinois Capacitor, Inc. 474PSB302K2R Datasheet HTML 8Page - Illinois Capacitor, Inc. 474PSB302K2R Datasheet HTML 9Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
188
®
PSB/RSB
Radial Leaded
Polypropylene Film
Capacitors with Double
Sided Metallized Electrodes
STANDARD PARTS LISTING
Capacitance
(µF)
WVDC
PART
NUMBER
dv/dt
(v/µs)
Typical
ESR
@100 kHz,
+25°C in m
Maximum
RMS Current
@100kHz,
70°C in Amps
Dimensions
LxHxT
(mm)
Capacitance
(µF)
WVDC
PART
NUMBER
dv/dt
(v/µs)
Typical
ESR
@100 kHz,
+25°C in m
Maximum
RMS Current
@100kHz,
70°C in Amps
Dimensions
LxHxT
(mm)
0.68
2500 684PSB252K6R 750
23
3.3
57.5x50x35
0.82
2000 824PSB202K6R 580
24
3.1
57.5x45x30
0.82
2500 824PSB252K6R 750
26
2.9
57.5x50x35
1
2000 105PSB202K6R 580
27
2.9
57.5x50x35
1.2
1500 125PSB152K6R 500
25
2.9
57.5x45x30
1.2
2000 125PSB202K6R 580
29
2.5
57.5x50x35
1.5
1500 155PSB152K6R 500
28
2.6
57.5x50x35
1.8
1500 185PSB152K6R 500
29.5
2.4
57.5x50x35
2
1000 205PSB102K6R 320
26
2.6
57.5x45x30
2
1200 205PSB122K6R 350
27
2.4
57.5x45x30
2.2
850
225PSB850K6J 400
27
1.9
42.5x45x30
2.2
1000 225PSB102K6R 320
26.5
2.5
57.5x45x30
2.2
1200 225PSB122K6R
350
30
2.3
57.5x50x35
2.5
850 255PSB850K6R
275
27.5
2.3
57.5x45x30
2.5
1200 255PSB122K6R
350
31
2.1
57.5x50x35
3
850 305PSB850K6R
275
28.5
2.1
57.5x45x30
3
1000 305PSB102K6R
320
31
2.1
57.5x50x35
3.3
850 335PSB850K6R
275
29.5
2.1
57.5x45x30
3.3
1000 335PSB102K6R
320
32
2
57.5x50x35
4
700 405PSB700K6R
200
27
2.4
57.5x45x30
4
850 405PSB850K6R
275
32
1.9
57.5x50x35
4.7
700 475PSB700K6R
200
31
2.2
57.5x50x35
5
700 505PSB700K6R
200
31
2.2
57.5x50x35
5.6
700 565PSB700K6R
200
31
2
57.5x50x35
LxHxT (mm)
Convert to inches divide by 25.4
700
850
1000
1200
1500
2000
2500
(420)
(500)
(575)
(630)
(650)
(700)
(725)
0.68
57.5x50x35
0.82
------------
--------
----
57.5x45x30
57.5x50x35
1
57.5x50x35
1.2
57.5x45x30
57.5x50x35
1.5
57.5x50x35
1.8
57.5x50x35
2
57.5x45x30
57.5x45x30
2.2
57.5x45x30
57.5x50x35
2.5
57.5x45x30
57.5x50x35
3
57.5x45x30
57.5x50x35
3.3
57.5x45x30
57.5x50x35
4
57.5x45x30
57.5x50x35
4.7
57.5x50x35
5
57.5x50x35
5.6
57.5x50x35
WVDC
(VAC)
(µF)
5.5±1.5
10.2±0.5 10.2±0.5
L
T
H
52.5±0.5
d
6 Leaded Capacitors


Similar Part No. - 474PSB302K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PSB302K2R ILLINOISCAPACITOR-474PSB302K2R Datasheet
433Kb / 11P
   Power semiconductor module protection - High pulse and rms current ??Multiple Leads
More results

Similar Description - 474PSB302K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com