Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1451E2S Datasheet(PDF) 10 Page - Finisar Corporation.

Part # FTLX1451E2S
Description  RoHS-6 Compliant 1310nm XPAK Transponder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1451E2S Datasheet(HTML) 10 Page - Finisar Corporation.

Back Button FTLX1451E2S Datasheet HTML 3Page - Finisar Corporation. FTLX1451E2S Datasheet HTML 4Page - Finisar Corporation. FTLX1451E2S Datasheet HTML 5Page - Finisar Corporation. FTLX1451E2S Datasheet HTML 6Page - Finisar Corporation. FTLX1451E2S Datasheet HTML 7Page - Finisar Corporation. FTLX1451E2S Datasheet HTML 8Page - Finisar Corporation. FTLX1451E2S Datasheet HTML 9Page - Finisar Corporation. FTLX1451E2S Datasheet HTML 10Page - Finisar Corporation. FTLX1451E2S Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FTLX1451 Product Specification – November 2007
© Finisar Corporation – November 2007 Rev. B
Page 10
Package Outlines
Figure 2-XPAK with Bail De-Latch Mechanism
Figure 3 -
XPAK with Screw Mount Assembly


Similar Part No. - FTLX1451E2S

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX1412D3BTL FINISAR-FTLX1412D3BTL Datasheet
269Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BTL FINISAR-FTLX1412M3BTL Datasheet
239Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
More results

Similar Description - FTLX1451E2S

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX8551E3 FINISAR-FTLX8551E3 Datasheet
554Kb / 11P
   RoHS-6 Compliant 10 Gb/s 850nm XPAK Transponder
FTLX1461E2 FINISAR-FTLX1461E2 Datasheet
286Kb / 10P
   RoHS-6 Compliant 10Gb/s 1310nm Single Mode XENPAK Transponder
FTLX1462E2 FINISAR-FTLX1462E2 Datasheet
457Kb / 10P
   RoHS-6 Compliant 10GBASE-LR XENPAK Transponder
FTLX1341E2 FINISAR-FTLX1341E2 Datasheet
254Kb / 10P
   RoHS-6 Compliant 10GBASE-LRM X2 Transponder
FTLX1442E2 FINISAR-FTLX1442E2 Datasheet
364Kb / 10P
   RoHS-6 Compliant 10GBASE-LR X2 Transponder
FTLX1441E2 FINISAR-FTLX1441E2 Datasheet
336Kb / 10P
   RoHS-6 Compliant 10GBASE-LR X2 Transponder
FTLX8561E2 FINISAR-FTLX8561E2 Datasheet
247Kb / 10P
   RoHS-6 Compliant 10Gb/s 850nm Multimode XENPAK Transponder
FTLX8541E2 FINISAR-FTLX8541E2 Datasheet
238Kb / 10P
   RoHS-6 Compliant 10 Gb/s 850nm Multimode X2 Transponder
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745Z AVAGO-AFCT-5745Z Datasheet
542Kb / 18P
   RoHS-6 Compliant
logo
Finisar Corporation.
FTLX1841E2 FINISAR-FTLX1841E2 Datasheet
235Kb / 10P
   RoHS-6 Compliant 10Gb/s 1550nm Single Mode Datacom X2 ZR Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com