Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476SML6R3MD4 Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 476SML6R3MD4
Description   85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476SML6R3MD4 Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  476SML6R3MD4 Datasheet HTML 1Page - Illinois Capacitor, Inc. 476SML6R3MD4 Datasheet HTML 2Page - Illinois Capacitor, Inc. 476SML6R3MD4 Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
15
®
SML
+85°C General Purpose
Surface Mount Chip
Aluminum Electrolytic
Capacitors
STANDARD PART LISTING
Capacitance
(µF)
Maximum
E.S.R.
120Hz,
+20°C
Maximum
RMS Ripple
Current (mA)
at 120 Hz,
+85°C
Dimensions
DxL
(mm)
WVDC
PART
NUMBER
0.1
50
104SML050MD4
1989.437
3.2
4x5.4
0.22
50
224SML050MD4
904.289
4.7
4x5.4
0.33
50
334SML050MD4
602.860
5.7
4x5.4
0.47
50
474SML050MD4
423.284
6.8
4x5.4
1
50
105SML050MD4
198.944
10
4x5.4
2.2
50
225SML050MD4
90.429
15
4x5.4
3.3
50
335SML050M
60.286
18
4x5.4
3.3
100
335SML100M
50.238
28
6.3x5.8
4.7
35
475SML035M
42.328
20
4x5.4
4.7
50
475SML050M
42.328
23
4x5.4
4.7
50
475SML050MD5
42.328
25
5x5.4
4.7
100
475SML100MD8
35.274
60
8x10.2
10
16
106SML016M
26.526
25
4x5.4
10
35
106SML035M
19.894
30
5x5.4
10
35
106SML035MD4
23.210
27
4x5.4
10
50
106SML050MD5
19.894
41
5x5.4
10
50
106SML050M
19.894
42.6
6.3x5.4
10
100
106SML100MD8
16.579
85
8x10.2
22
6.3
226SML6R3M
19.593
31
4x5.4
22
16
226SML016M
12.057
39
5x5.4
22
16
226SML016MD4
15.071
30
4x5.4
22
25
226SML025MD5
10.550
41
5x5.4
22
35
226SML035M
9.043
54
6.3x5.4
22
50
226SML050M
9.043
45
6.3x5.4
22
63
226SML063MD8
9.043
120
8x10.2
22
100
226SML100M
7.536
120
8x10.2
33
4
336SML004M
17.583
26
4x5.4
33
10
336SML010M
10.048
43
5x5.4
33
10
336SML010MD4
12.057
34
4x5.4
33
25
336SML025MD5
7.033
50
5x5.4
33
25
336SML025M
8.038
63
6.3x5.4
33
35
336SML035M
6.029
60
6.3x5.8
33
50
336SML050MD8
6.029
95
8x6.2
33
50
336SML050M
6.029
85
6.3x7.7
33
63
336SML063M
6.029
160
8x10.2
33
100
336SML100M
5.024
190
10x10.2
47
4
476SML004M
12.346
34
4x5.4
47
6.3
476SML6R3MD4
9.877
36
4x5.4
47
6.3
476SML6R3M
9.171
47
5x5.4
47
16
476SML016MD5
7.055
52
5x5.4
47
16
476SML016M
7.055
68
6.3x5.4
47
25
476SML025M
4.938
70
6.3x5.4
Capacitance
(µF)
Maximum
E.S.R.
120Hz,
+20°C
Maximum
RMS Ripple
Current (mA)
at 120 Hz,
+85°C
Dimensions
DxL
(mm)
WVDC
PART
NUMBER
47
35
476SML035M
4.233
70
6.3x5.8
47
35
476SML035MD8
4.938
105
8x6.2
47
50
476SML050M
4.233
90
6.3x7.7
47
50
476SML050MD8
4.233
140
8x10.2
47
100
476SML100M
3.527
155
10x10.2
68
6.3
686SML6R3M
6.826
50
5x5.4
68
16
686SML016M
4.876
78
6.3x5.4
100
4
107SML004M
5.803
61
5x5.4
100
6.3
107SML6R3M
4.642
60
5x5.4
100
16
107SML016M
2.653
86
6.3x5.4
100
25
107SML025M
2.653
145
8x6.2
100
35
107SML035M
1.989
120
6.3x7.7
100
50
107SML050M
1.989
200
8x10.2
100
50
107SML050MD10
1.989
195
10x10.2
100
63
107SML063M
1.989
280
10x10.2
150
4
157SML004M
3.868
84
6.3x5.4
150
10
157SML010M
2.653
88
6.3x5.8
150
16
157SML016M
2.210
135
6.3x7.7
150
35
157SML035MD8
1.547
220
8x10.2
220
4
227SML004M
2.638
82
6.3x5.4
220
6.3
227SML6R3M
1.959
95
6.3x5.8
220
10
227SML010M
1.809
175
8x6.2
220
16
227SML016MD8
1.507
215
8x10.2
220
16
227SML016M
1.507
150
6.3x7.7
220
25
227SML025MD8
1.055
270
8x10.2
220
25
227SML025M
1.206
250
10x7.7
220
35
227SML035M
1.055
270
8x10.2
220
35
227SML035MD10
1.055
265
10x10.2
220
50
227SML050M
0.904
320
10x10.2
330
6.3
337SML6R3MD8
1.407
190
8x6.2
330
6.3
337SML6R3M
1.407
150
6.3x7.7
330
25
337SML025M
0.804
310
8x10.2
330
25
337SML025MD10
0.804
305
10x10.2
330
35
337SML035M
0.703
340
10x10.2
470
4
477SML004M
1.235
150
6.3x7.7
470
6.3
477SML6R3M
0.988
265
8x10.2
470
10
477SML010MD8
0.847
290
8x10.2
470
16
477SML016M
0.705
330
8x10.2
470
16
477SML016MD10
0.705
330
10x10.2
1000
4
108SML004MD8
0.580
300
8x10.2
1000
6.3
108SML6R3M
0.464
330
8x10.2
1000
10
108SML010M
0.398
450
10x10.2


Similar Part No. - 476SML6R3MD4

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476SML6R3MD4 ILLINOISCAPACITOR-476SML6R3MD4 Datasheet
239Kb / 3P
   Small size ??Low cost
476SML6R3MD4 ILLINOISCAPACITOR-476SML6R3MD4 Datasheet
306Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
476SML6R3MD4 ILLINOISCAPACITOR-476SML6R3MD4 Datasheet
306Kb / 3P
   Small Size ??Low Cost
476SML6R3MD4 ILLINOISCAPACITOR-476SML6R3MD4 Datasheet
124Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 476SML6R3MD4

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com