Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

686TXK160M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 686TXK160M
Description  105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686TXK160M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  686TXK160M Datasheet HTML 1Page - Illinois Capacitor, Inc. 686TXK160M Datasheet HTML 2Page - Illinois Capacitor, Inc. 686TXK160M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
85
®
TXK
PHYSICAL DIMENSIONS
+105°C Long Life
Radial Lead Aluminum
Electrolytic Capacitors
D
10.0
13
16.0
18.0
d
0.6
0.6
0.8
0.8
S
5.0
5.0
7.5
7.5
-
+
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
L1=L + 2.0 Max.
D1=D + 0.5 mm Max.
S1=S ± 0.5 mm Max.
NOTE: Case Vent is standard on all diameter
≥8.0mm
D x L (mm)
160
200
250
350
400
450
(200)
(250)
(300)
(400)
(450)
(500)
3.3
10x21
4.7
13x21
10
10x21
10x21
10x21
13x26
22
10x21
10x21
13x21
13x21
13x26
16x25
33
10x21
13x21
13x26
13x26
13x26
16x32
47
13x21
13x21
13x26
16x25
16x25
18x32
68
13x26
13x26
16x25
16x32
16x32
18x35
100
16x25
16x25
16x32
18x35
18x35
150
16x32
16x32
18x32
220
16x32
18x35
18x40
330
18x35
WVDC
(SV)
(µF)
LEAD INFORMATION VS. CASE DIAMETER


Similar Part No. - 686TXK160M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686TXK160M ILLINOISCAPACITOR-686TXK160M Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
686TXK160M ILLINOISCAPACITOR-686TXK160M Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
686TXK160M ILLINOISCAPACITOR-686TXK160M Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
686TXK160M ILLINOISCAPACITOR-686TXK160M Datasheet
128Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 686TXK160M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com