Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

474PPS152K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 474PPS152K
Description  Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474PPS152K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  474PPS152K Datasheet HTML 1Page - Illinois Capacitor, Inc. 474PPS152K Datasheet HTML 2Page - Illinois Capacitor, Inc. 474PPS152K Datasheet HTML 3Page - Illinois Capacitor, Inc. 474PPS152K Datasheet HTML 4Page - Illinois Capacitor, Inc. 474PPS152K Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PPS
Metallized Polypropylene
FIlm Capacitor for
Power Semiconductor
Circuits
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4
DxL (mm)
700
850
1000
1200
1500
2000
2500
3000
(380)
(450)
(480)
(500)
(575)
(630)
(700)
(750)
VDC
(VAC)
µF
L
D
d
29
34
34
46
46
55
59
≤17.5 ≤18
>18
≤25
≤25
>41
>42
0.8
0.8
1.0
1.0
1.2
1.2
1.2
L
Max
35.0 MIN
35.0 MIN
d
D
Max
2.5
26.5x46
26.5x59
31x59
34.5x59
28x55
33x55
36.5x55
3
29x46
29x59
33x59
37.5x59
30.5x55
35.5x55
40x55
34.5x46
3.3
25x59
30x59
34.5x59
39x59
26.5x55
32x55
36.5x55
41.5x55
30x46
4
27x59
33x59
38x59
28.5x55
35x55
40x55
32.5x46
4.7
29x59
35.5x59
40.5x59
31x55
37x55
5
30x59
36.5x59
32x55
38x55
5.6
40.5x55
6.8
34.5x59
41.5x59
37x55
8.2
38x59
40.5x55
10
41.5x59


Similar Part No. - 474PPS152K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PPS152K ILLINOISCAPACITOR-474PPS152K Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
474PPS152K ILLINOISCAPACITOR-474PPS152K Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
More results

Similar Description - 474PPS152K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K Datasheet
391Kb / 4P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com