Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4057-4.2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4057-4.2
Description  Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4057-4.2 Datasheet(HTML) 3 Page - Linear Technology

  LTC4057-4.2 Datasheet HTML 1Page - Linear Technology LTC4057-4.2 Datasheet HTML 2Page - Linear Technology LTC4057-4.2 Datasheet HTML 3Page - Linear Technology LTC4057-4.2 Datasheet HTML 4Page - Linear Technology LTC4057-4.2 Datasheet HTML 5Page - Linear Technology LTC4057-4.2 Datasheet HTML 6Page - Linear Technology LTC4057-4.2 Datasheet HTML 7Page - Linear Technology LTC4057-4.2 Datasheet HTML 8Page - Linear Technology LTC4057-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4057-4.2
3
4057f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4057 is guaranteed to meet performance specifications from
0
°C to 70°C. Specifications over the –40°C to 85°C operating temperature
ELECTRICAL CHARACTERISTICS
range are assured by design, characterization and correlation with statistical
process controls.
Note 3: See Thermal Considerations.
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (V)
4.0
1.015
1.010
1.005
1.000
0.995
0.990
0.985
4.5
5.0
5.5
6.0
4057 G01
6.5
7.0
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4057 G02
1.0100
1.0075
1.0050
1.0025
1.0000
0.9975
0.9950
0.9925
0.9900
VPROG (V)
0
600
500
400
300
200
100
0
0.25
0.50
0.75
1.00
4057 G03
1.25
VCC = 5V
VBAT = 4V
TA = 25°C
RPROG = 10k
VCC = 5V
VBAT = 4V
RPROG = 10k
VCC = 5V
TA = 25°C
RPROG = 2k
4057 G04
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
IBAT (mA)
0
100
200
300
400
500
700
600
VCC (V)
4.0
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.5
5.0
5.5
6.0
4057 G06
6.5
7.0
VCC = 5V
TA = 25°C
RPROG = 1.25k
TA = 25°C
RPROG = 10k
TEMPERATURE (
°C)
–50
100
050
–25
25
75
4.220
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.180
4057 G05
VCC = 5V
RPROG = 10k
PROG Pin Voltage vs Supply
Voltage (Constant Current Mode)
PROG Pin Voltage vs Temperature
(Constant Current Mode)
Charge Current vs PROG Pin
Voltage
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
Regulated Output (Float) Voltage
vs Supply Voltage


Similar Part No. - LTC4057-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4057-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com