Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTRJ1321P1WTL Datasheet(PDF) 5 Page - Finisar Corporation.

Part No. FTRJ1321P1WTL
Description  OC-48 SR/STM I-16 Multirate Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRJ1321P1WTL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTRJ1321P1WTL Datasheet HTML 1Page - Finisar Corporation. FTRJ1321P1WTL Datasheet HTML 2Page - Finisar Corporation. FTRJ1321P1WTL Datasheet HTML 3Page - Finisar Corporation. FTRJ1321P1WTL Datasheet HTML 4Page - Finisar Corporation. FTRJ1321P1WTL Datasheet HTML 5Page - Finisar Corporation. FTRJ1321P1WTL Datasheet HTML 6Page - Finisar Corporation. FTRJ1321P1WTL Datasheet HTML 7Page - Finisar Corporation. FTRJ1321P1WTL Datasheet HTML 8Page - Finisar Corporation. FTRJ1321P1WTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FTRJ1321P1xTL Pluggable SFP Product Specification - May 2005
F i n i s a r
 Finisar Corporation May 11, 2005 Rev. J
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
155
2667
Mb/sec 1
Bit Error Rate
BER
10-12
2
Max. Supported Link Length on
9/125
µm SMF @ OC-48
LMAX1
5
km
4
Max. Supported Link Length on
9/125
µm SMF @ 2X Fibre Channel
LMAX2
10
km
3
Max. Supported Link Length on
9/125
µm SMF @ Gigabit Ethernet
LMAX3
10
km
3
Max. Supported Link Length on
9/125
µm SMF @ OC-12
LMAX4
10
km
4
Max. Supported Link Length on
9/125
µm SMF @ OC-3
LMAX5
10
km
4
Notes:
1. SONET OC-48 SR/SDH STM I-16, Gigabit Ethernet and 1x/2x Fibre Channel compliant. Compatible
with SONET OC-12 and OC-3. Supports FEC at 2.67 Gb/s.
2. Tested with a PRBS 231-1 test pattern interspersed with 72 consecutive ones and 72 consecutive zeros.
3. Dispersion limited per FC-PI Rev. 13
4. Attenuation of 0.55 dB/km is used for the link length calculations (per GR-253 CORE). Distances are
indicative only. Please refer to the Optical Specifications in Table IV to calculate a more accurate link
budget based on specific conditions in your application.
VI.
Environmental Specifications
Finisar 1310nm SFP transceivers have an extended operating temperature range from
–40°C to +85°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-40
85
°C
Storage Temperature
Tsto
-40
100
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn