Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTRJ1321P1WTL Datasheet(PDF) 4 Page - Finisar Corporation.

Part No. FTRJ1321P1WTL
Description  OC-48 SR/STM I-16 Multirate Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FINISAR [Finisar Corporation.]
Homepage  http://www.finisar.com/home.php
Logo 

FTRJ1321P1WTL Datasheet(HTML) 4 Page - Finisar Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FTRJ1321P1xTL Pluggable SFP Product Specification - May 2005
F i n i s a r
 Finisar Corporation May 11, 2005 Rev. J
Page 4
IV.
Optical Characteristics (TOP = -40 to 85 °°°°C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr: 9/125 SMF
POUT
-9.5
-3
dBm
1
Optical Wavelength
λ
1270
1360
nm
2
Spectral Width
σ
3
nm
2
Optical Extinction Ratio
ER
9
dB
Optical Rise/Fall Time
tr/ tf
160
ps
3
Relative Intensity Noise
RIN
-120
dB/Hz
Total Generated Transmitter Jitter
(peak to peak)
JTXp-p
0.07
UI
Total Generated Transmitter Jitter
(rms)
JTXrms
0.007
UI
Receiver
Average Rx Sensitivity @ 2.67Gb/s
RSENS1
0
-18
dBm
4
Average Rx Sensitivity @ OC-48
RSENS1
0
-18
dBm
4
Average Rx Sensitivity @ 2X Fibre
Channel
RSENS2
0
-21
dBm
5
Average Rx Sensitivity @ Gigabit
Ethernet
RSENS3
0
-22
dBm
5
Average Rx Sensitivity @ OC-12
RSENS4
0
-22
dBm
6
Average Rx Sensitivity @ OC-3
RSENS5
-10
-23
dBm
6
Optical Center Wavelength
λC
1270
1600
nm
LOS De-Assert
LOSD
-23
-19
dBm
LOS Assert
LOSA
-30
-25
dBm
LOS Hysteresis
0.5
dB
Notes:
1. Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations.
2. Also specified to meet curves in FC-PI 13.0 Figures 18 and 19, which allow trade-off between
wavelength, spectral width and OMA.
3. Unfiltered, 20-80%.
4. With worst-case extinction ratio. Measured with a PRBS 231-1 test pattern interspersed with 72
consecutive ones and 72 consecutive zeros.
5. With worst-case extinction ratio. Measured with a PRBS 27-1 test pattern.
6. With worst-case extinction ratio. Measured with a PRBS 223-1 test pattern.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn