Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTRX-3811-357 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTRX-3811-357
Description  10Gb/s DWDM 80km XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRX-3811-357 Datasheet(HTML) 3 Page - Finisar Corporation.

  FTRX-3811-357 Datasheet HTML 1Page - Finisar Corporation. FTRX-3811-357 Datasheet HTML 2Page - Finisar Corporation. FTRX-3811-357 Datasheet HTML 3Page - Finisar Corporation. FTRX-3811-357 Datasheet HTML 4Page - Finisar Corporation. FTRX-3811-357 Datasheet HTML 5Page - Finisar Corporation. FTRX-3811-357 Datasheet HTML 6Page - Finisar Corporation. FTRX-3811-357 Datasheet HTML 7Page - Finisar Corporation. FTRX-3811-357 Datasheet HTML 8Page - Finisar Corporation. FTRX-3811-357 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FTRX-3811-3xx DWDM XFP Product Specification – September 2007
F i n i s a r
© Finisar Corporation 28-September-2007
Rev C1
Page 3
I.
Pin Descriptions
Pin
Logic
Symbol
Name/Description
Ref.
1
GND
Module Ground
1
2
VEE5
Optional –5.2 Power Supply – Not required
3
LVTTL-I
Mod-Desel
Module De-select; When held low allows the module to
respond to 2-wire serial interface commands
4
LVTTL-O
Interrupt
Interrupt (bar); Indicates presence of an important condition
which can be read over the serial 2-wire interface
2
5
LVTTL-I
TX_DIS
Transmitter Disable; Transmitter laser source turned off
6
VCC5
+5 Power Supply
7
GND
Module Ground
1
8
VCC3
+3.3V Power Supply
9
VCC3
+3.3V Power Supply
10
LVTTL-I
SCL
Serial 2-wire interface clock
2
11
LVTTL-
I/O
SDA
Serial 2-wire interface data line
2
12
LVTTL-O
Mod_Abs
Module Absent; Indicates module is not present. Grounded
in the module.
2
13
LVTTL-O
Mod_NR
Module Not Ready; Finisar defines it as a logical OR
between RX_LOS and Loss of Lock in TX/RX.
2
14
LVTTL-O
RX_LOS
Receiver Loss of Signal indicator
2
15
GND
Module Ground
1
16
GND
Module Ground
1
17
CML-O
RD-
Receiver inverted data output
18
CML-O
RD+
Receiver non-inverted data output
19
GND
Module Ground
1
20
VCC2
+1.8V Power Supply
Power Down; When high, places the module in the low
power stand-by mode and on the falling edge of P_Down
initiates a module reset
21
LVTTL-I
P_Down/RST
Reset; The falling edge initiates a complete reset of the
module including the 2-wire serial interface, equivalent to a
power cycle.
22
VCC2
+1.8V Power Supply
23
GND
Module Ground
1
24
PECL-I
RefCLK+
Reference Clock non-inverted input, AC coupled on the
host board – Not required
25
PECL-I
RefCLK-
Reference Clock inverted input, AC coupled on the host
board – Not required
26
GND
Module Ground
1
27
GND
Module Ground
1
28
CML-I
TD-
Transmitter inverted data input
29
CML-I
TD+
Transmitter non-inverted data input
30
GND
Module Ground
1
Notes:
1.
Module circuit ground is isolated from module chassis ground within the module.
2.
Open collector; should be pulled up with 4.7k – 10kohms on host board to a voltage between 3.15V
and 3.6V.


Similar Part No. - FTRX-3811-357

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M318 FINISAR-FTRX-3812M318 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M319 FINISAR-FTRX-3812M319 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M320 FINISAR-FTRX-3812M320 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M321 FINISAR-FTRX-3812M321 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTRX-3811-357

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com