Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTRX-3811-355 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTRX-3811-355
Description  10Gb/s DWDM 80km XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRX-3811-355 Datasheet(HTML) 5 Page - Finisar Corporation.

  FTRX-3811-355 Datasheet HTML 1Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 2Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 3Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 4Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 5Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 6Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 7Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 8Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FTRX-3811-3xx DWDM XFP Product Specification – September 2007
F i n i s a r
© Finisar Corporation 28-September-2007
Rev C1
Page 5
III.
Electrical Characteristics (TOP = -5 to 70 °C, VCC5 = 4.75 to 5.25 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage #1
Vcc5
4.75
5.25
V
Supply Voltage #2
Vcc3
3.13
3.46
V
Supply Voltage #3
Vcc2
1.71
1.89
V
Supply Current – Vcc5 supply
Icc5
350
mA
Supply Current – Vcc3 supply
Icc3
400
mA
Supply Current – Vcc2 supply
Icc2
750
mA
Module total power
P
3.5
W
1
Transmitter
Input differential impedance
Rin
100
Ω
2
Differential data input swing
Vin,pp
120
820
mV
Transmit Disable Voltage
VD
2.0
Vcc
V
3
Transmit Enable Voltage
VEN
GND
GND+ 0.8
V
Transmit Disable Assert Time
10
us
Receiver
Differential data output swing
Vout,pp
340
650
850
mV
4
Data output rise time
tr
38
ps
5
Data output fall time
tf
38
ps
5
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
6
LOS Normal
VLOS norm
GND
GND+0.5
V
6
Power Supply Rejection
PSR
See Note 6 below
7
Reference Clock
Clock differential input impedance
Rclkin
100
Ω
Reference Clock frequency
f0
Baud/64
MHz
Differential clock input swing
Vclkin,pp
640
1600
mV
Clock output rise/fall time
trf
200
1250
ps
5
Reference clock frequency tolerance
Df
-100
+100
PPM
Notes:
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
After internal AC coupling.
3.
Or open circuit.
4.
Into 100 ohms differential termination.
5.
20 – 80 %
6.
Loss Of Signal is open collector to be pulled up with a 4.7k – 10kohm resistor to 3.15 – 3.6V. Logic 0
indicates normal operation; logic 1 indicates no signal detected.
7.
Per Section 2.7.1. in the XFP MSA Specification
1.


Similar Part No. - FTRX-3811-355

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M318 FINISAR-FTRX-3812M318 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M319 FINISAR-FTRX-3812M319 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M320 FINISAR-FTRX-3812M320 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M321 FINISAR-FTRX-3812M321 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTRX-3811-355

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com