Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

474PPR102KH Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 474PPR102KH
Description  Small Size Polypropylene Film Capacitors for High Pulse Current Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474PPR102KH Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  474PPR102KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 474PPR102KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 474PPR102KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 474PPR102KH Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PERMISSIBLE AC VOLTAGE VS.FREQUENCY
PPR
10
1
103
102
103
104
105
106
Hz
630VDC/400VAC
0.10µF
µF
µF
µF
0.033µF
0.33
1.0
3.3
102
10
1
103
102
103
104
105
106
Hz
1000VDC/600VAC
0.033
0.010µF
µF
µF
µF
µF
0.10
0.47
1.5
102
10
1
103
102
103
104
105
106
Hz
1600VDC/650VAC
0.015
0.0033µF
µF
µF
µF
µF
0.068
0.33
1.0
102
10
1
103
102
103
104
105
106
Hz
2000VDC/700VAC
0.033
0.0068
0.0022µF
µF
µF
µF
µF
0.10
0.47
102
Small Size
Polypropylene Film
Capacitor for High Pulse
Current Applications
195


Similar Part No. - 474PPR102KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PPR102KH ILLINOISCAPACITOR-474PPR102KH Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
474PPR102KH ILLINOISCAPACITOR-474PPR102KH Datasheet
343Kb / 3P
   High Pulse Currents - High voltage
More results

Similar Description - 474PPR102KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
CBB165IS JIANGHAI-CBB165IS Datasheet
537Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
logo
Cornell Dubilier Electr...
DPFF2S12J-F CDE-DPFF2S12J-F Datasheet
133Kb / 3P
   High AC Current Polypropylene Film Capacitors
943C CDE-943C Datasheet
283Kb / 5P
   Polypropylene Capacitors, for High Pulse, Snubber
logo
Jianghai Europe GmbH
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com